Electronic Components Datasheet Search
  English  ▼

X  

SC441DTETRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC441DTETRT
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441DTETRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC441DTETRT Datasheet HTML 7Page - Semtech Corporation SC441DTETRT Datasheet HTML 8Page - Semtech Corporation SC441DTETRT Datasheet HTML 9Page - Semtech Corporation SC441DTETRT Datasheet HTML 10Page - Semtech Corporation SC441DTETRT Datasheet HTML 11Page - Semtech Corporation SC441DTETRT Datasheet HTML 12Page - Semtech Corporation SC441DTETRT Datasheet HTML 13Page - Semtech Corporation SC441DTETRT Datasheet HTML 14Page - Semtech Corporation SC441DTETRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SC441D

Block Diagram
Figure 1. SC441D Block Diagram
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
FAULT-1
TSD
HICCUP
OVP
UVLO
HICCUP
HICCUP
Fault
SS
3V3
Fault
CONTROL
LOGIC
VOUT
DISABLE1
EN
PWM
VIN
SW
AGND
COMP
OSC
ISENSE
Bandgap
IO1
SCP_EN
ILIM
PGND
SS
ONE IO CHANNEL SHOWN
IOSET
FFLAG
HICCUP
IOGND
UVLO & TSD
PGND
LED OPEN/SHORT/OVERSHOOT
CIRCUIT PROTECTION
CURRENT
SOURCE
OVPIN
SW
LED CURRENT
SETTING
OVP
Detect
DISABLE2
1V
4.5uA
4.5uA
0.9mA
0.9mA
-
+
-
+
-
+
-
+
1uA
1uA
-
+
-
+
-
+
-
+
S
R
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com