Electronic Components Datasheet Search
  English  ▼

X  

SC5014 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC5014 Datasheet HTML 2Page - Semtech Corporation SC5014 Datasheet HTML 3Page - Semtech Corporation SC5014 Datasheet HTML 4Page - Semtech Corporation SC5014 Datasheet HTML 5Page - Semtech Corporation SC5014 Datasheet HTML 6Page - Semtech Corporation SC5014 Datasheet HTML 7Page - Semtech Corporation SC5014 Datasheet HTML 8Page - Semtech Corporation SC5014 Datasheet HTML 9Page - Semtech Corporation SC5014 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
SC5014
6
Typical Characteristics
V
IN(V)
BacklightEfficiencyvs.InputVoltage
120mA/CH
60mA/CH
Backlight Efficiency vs. Input Voltage
10S4P
BacklightEfficiencyvs.InputVoltage
10S4P
7S4P
Backlight Efficiency vs. Input Voltage
120mA/CH
V
IN(V)
LED PWM Dimming Duty Cycle (%)
Backlight Efficiency vs. LED String Current
Backlight Efficiency vs. LED String Current
LED PWM Dimming Duty Cycle (%)
PWM Dimming Linearity with Phase Shift
PWM Dimming Linearity with Phase Shift
LED PWM Dimming Duty Cycle (%)
LED PWM Dimming Duty Cycle (%)
PWMDimmingLinearitywithPhaseShift
60mA/CH, 10S4P, 20KHz Dimming
PWMDimmingLinearitywithPhaseShift
120mA/CH, 10S4P, 20KHz Dimming
BacklightEfficiencyvs.LEDstringCurrent
120mA/CH
60mA/CH
BacklightEfficiencyvs.LEDstringCurrent
120mA/CH
60mA/CH
V
IN=6V
V
IN=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com