Electronic Components Datasheet Search
  English  ▼

X  

IL410 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL410
Description  Optocoupler, Phototriac Output, Zero Crossing
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL410 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL410 Datasheet HTML 1Page - Vishay Siliconix IL410 Datasheet HTML 2Page - Vishay Siliconix IL410 Datasheet HTML 3Page - Vishay Siliconix IL410 Datasheet HTML 4Page - Vishay Siliconix IL410 Datasheet HTML 5Page - Vishay Siliconix IL410 Datasheet HTML 6Page - Vishay Siliconix IL410 Datasheet HTML 7Page - Vishay Siliconix IL410 Datasheet HTML 8Page - Vishay Siliconix IL410 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 83627
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 2.0, 29-Mar-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototriac Output, Zero Crossing,
High dV/dt, Low Input Current
IL410, IL4108
Vishay Semiconductors
DESCRIPTION
The IL410 and IL4108 consists of a GaAs IRLED optically
coupled to a photosensitive zero crossing TRIAC network.
The TRIAC consists of two inverse parallel connected
monolithic
SCRs.
These
three
semiconductors
are
assembled in a six pin dual in-line package.
High input sensitivity is achieved by using an emitter
follower phototransistor and a cascaded SCR predriver
resulting in an LED trigger current of less than 2 mA (DC).
The use of a proprietary dV/dt clamp results in a static dV/dt
of greater than 10 kV/ms. This clamp circuit has a MOSFET
that is enhanced when high dV/dt spikes occur between
MT1 and MT2 of the TRIAC. When conducting, the FET
clamps the base of the phototransistor, disabling the first
stage SCR predriver.
The zero cross line voltage detection circuit consists of two
enhancement MOSFETS and a photodiode. The inhibit
voltage of the network is determined by the enhancement
voltage of the N-channel FET. The P-channel FET is enabled
by a photocurrent source that permits the FET to conduct
the main voltage to gate on the N-channel FET. Once the
main voltage can enable the N-channel, it clamps the base
of the phototransistor, disabling the first stage SCR
predriver.
The 600 V, 800 V blocking voltage permits control of off-line
voltages up to 240 VAC, with a safety factor of more than
two, and is sufficient for as much as 380 VAC.
The IL410, IL4108 isolates low-voltage logic from 120 VAC,
240 VAC, and 380 VAC lines to control resistive, inductive, or
capacitive loads including motors, solenoids, high current
thyristors or TRIAC and relays.
FEATURES
• High input sensitivity
•IFT = 2 mA, PF = 1.0
•IFT = 5 mA, PF 1.0
• 300 mA on-state current
• Zero voltage crossing detector
• 600 V, 800 V blocking voltage
• High static dV/dt 10 kV/μs
• Very low leakage < 10
A
• Isolation test voltage 5300 VRMS
• Small 6 pin DIP package
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
• Solid-state relays
• Industrial controls
• Office equipment
• Consumer appliances
AGENCY APPROVALS
• UL1577, file no. E52744 system code H, double protection
• CSA 93751
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5
(pending), available with option 1
Note
(1) Also available in tubes, do not put T on the end.
i179030_4
1
2
3
6
5
4
MT2
MT1
NC
A
C
NC
*Zero crossing circuit
ZCC*
V
DE
21842-1
ORDERING INFORMATION
I
L
41
0#
-
X
0
#
#
T
PART NUMBER
PACKAGE OPTION
TAPE AND
REEL
AGENCY CERTIFIED/PACKAGE
BLOCKING VOLTAGE VDRM (V)
UL
600
800
DIP-6
IL410
IL4108
DIP-6, 400 mil, option 6
IL410-X006
IL4108-X006
SMD-6, option 7
IL410-X007T (1)
IL4108-X007T (1)
SMD-6, option 8
IL410-X008T
-
SMD-6, option 9
IL410-X009T (1)
IL4108-X009T (1)
VDE, UL
600
800
DIP-6
IL410-X001
IL4108-X001
DIP-6, 400 mil, option 6
IL410-X016
IL4108-X016
SMD-6, option 7
IL410-X017
IL4108-X017
SMD-6, option 9
IL410-X019T (1)
-
> 0.1 mm
10.16 mm
> 0.7 mm
7.62 mm
DIP-#
Option 7
Option 6
Option 9
9.27 mm
Option 8


Similar Part No. - IL410

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL410 SIEMENS-IL410 Datasheet
107Kb / 6P
ZERO VOLTAGE CROSSING 600 V TRIAC DRIVER OPTOCOUPLER
logo
Vishay Siliconix
IL410 VISHAY-IL410 Datasheet
737Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Apr-04
IL410 VISHAY-IL410 Datasheet
156Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
09-Jan-08
IL410 VISHAY-IL410 Datasheet
174Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Mar-11
IL410-X001 VISHAY-IL410-X001 Datasheet
174Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Mar-11
More results

Similar Description - IL410

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
10-Jan-05
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
07-May-08
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jun-12
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
30-Aug-16
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
17-Apr-18
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
04-Nov-2020
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
Optocoupler, Phototriac Output, Non-Zero Crossing
14-Jul-2021
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
18-Nov-2020
IL4118 VISHAY-IL4118_V01 Datasheet
207Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
11-Nov-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com