Electronic Components Datasheet Search
  English  ▼

X  

IL4108 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL4108
Description  Optocoupler, Phototriac Output, Zero Crossing
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4108 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL4108 Datasheet HTML 1Page - Vishay Siliconix IL4108 Datasheet HTML 2Page - Vishay Siliconix IL4108 Datasheet HTML 3Page - Vishay Siliconix IL4108 Datasheet HTML 4Page - Vishay Siliconix IL4108 Datasheet HTML 5Page - Vishay Siliconix IL4108 Datasheet HTML 6Page - Vishay Siliconix IL4108 Datasheet HTML 7Page - Vishay Siliconix IL4108 Datasheet HTML 8Page - Vishay Siliconix IL4108 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 83627
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 2.0, 29-Mar-11
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IL410, IL4108
Optocoupler, Phototriac Output, Zero Crossing,
High dV/dt, Low Input Current
Vishay Semiconductors
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
1.16
1.35
V
Reverse current
VR = 6 V
IR
0.1
10
μA
Input capacitance
VF = 0 V, f = 1 MHz
CIN
25
pF
Thermal resistance, junction to ambient
Rthja
750
°C/W
OUTPUT
Off-state current
VD = VDRM, Tamb = 100 °C,
IF = 0 mA
IDRM
10
100
μA
On-state voltage
IT = 300 mA
VTM
1.7
3
V
Surge (non-repetitive), on-state current
f = 50 Hz
ITSM
3A
Trigger current 1
VD = 5 V
IFT1
2mA
Trigger current 2
VD = 220 VRMS, f = 50 Hz,
Tj = 100 °C, tpIF > 10 ms
IFT2
6mA
Trigger current temp. gradient
I
FT1/Tj
714
μA/°C
I
FT2/Tj
714
μA/°C
Inhibit voltage temp. gradient
V
DINH/Tj
- 20
mV/°C
Off-state current in inhibit state
IF = IFT1, VD = VDRM
IDINH
50
200
μA
Holding current
IH
65
500
μA
Latching current
VT = 2.2 V
IL
500
μA
Zero cross inhibit voltage
IF = rated IFT
VIH
15
25
V
Critical rate of rise of off-state voltage
VD = 0.67 VDRM, Tj = 25 °C
dV/dtcr
10 000
V/μs
VD = 0.67 VDRM, Tj = 80 °C
dV/dtcr
5000
V/μs
Critical rate of rise of voltage at current
commutation
VD = 230 VRMS,
ID = 300 mARMS, TJ = 25 °C
dV/dtcrq
8V/μs
VD = 230 VRMS,
ID = 300 mARMS, TJ = 85 °C
dV/dtcrq
7V/μs
Critical rate of rise of on-state current
commutation
VD = 230 VRMS,
ID = 300 mARMS, TJ = 25 °C
dI/dtcrq
12
A/ms
Thermal resistance, junction to ambient
Rthja
150
°C/W
COUPLER
Critical rate of rise of coupled
input/output voltage
IT = 0 A, VRM = VDM = VDRM
dVIO/dt
10 000
V/μs
Common mode coupling capacitance
CCM
0.01
pF
Capacitance (input to output)
f = 1 MHz, VIO = 0 V
CIO
0.8
pF
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
 1012
VIO = 500 V, Tamb = 100 °C
RIO
 1011
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
VRM = VDM = VDRM
ton
35
μs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com