Electronic Components Datasheet Search
  English  ▼

X  

IL4208 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL4208
Description  Optocoupler, Phototriac Output, High dV/dt, Low Input Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4208 Datasheet(HTML) 4 Page - Vishay Siliconix

  IL4208 Datasheet HTML 1Page - Vishay Siliconix IL4208 Datasheet HTML 2Page - Vishay Siliconix IL4208 Datasheet HTML 3Page - Vishay Siliconix IL4208 Datasheet HTML 4Page - Vishay Siliconix IL4208 Datasheet HTML 5Page - Vishay Siliconix IL4208 Datasheet HTML 6Page - Vishay Siliconix IL4208 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 83629
4
Rev. 2.0, 29-Mar-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IL420, IL4208
Vishay Semiconductors
Optocoupler, Phototriac Output,
High dV/dt, Low Input Current
Note
• As per IEC60747-5-2, § 7.4.3.8.1, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 2 - Peak LED Current vs. Duty Factor,
Fig. 3 - Maximum LED Power Dissipation
Fig. 4 - Typical Output Characteristics
SAFETY AND INSULATION RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
(according to IEC68 part 1)
55/100/21
Comparative tracking index
CTI
175
399
VIOTM
8000
V
VIORM
630
V
PSO
500
mW
ISI
250
mA
TSI
175
°C
Creepage distance
Standard DIP-8
7
mm
Clearance distance
Standard DIP-8
7
mm
Creepage distance
400 mil DIP-8
8
mm
Clearance distance
400 mil DIP-8
8
mm
Insulation thickness
For IL4208 only
0.4
mm
iil420_01
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current (mA)
T
amb = - 55 °C
T
amb = 25 °C
T
amb = 85 °C
iil420_02
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
100
1000
10 000
t- LED Pulse Duration (s)
0.005
0.05
0.02
0.01
0.1
0.2
0.5
Duty factor
t
τ
DF = /t
τ
iil420_03
100
80
60
40
20
0
- 20
- 40
- 60
0
50
100
150
Tamb- Ambient Temperature (°C)
103
102
101
5
5
5
100
01
2
4
3
iil420_04
I
T = f(VT),
parameter: T
j
T
j = 25 °C
T
j = 100 °C
VT (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com