Electronic Components Datasheet Search
  English  ▼

X  

TSOP57240 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSOP57240
Description  IR Receiver Modules for Remote Control Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP57240 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSOP57240 Datasheet HTML 1Page - Vishay Siliconix TSOP57240 Datasheet HTML 2Page - Vishay Siliconix TSOP57240 Datasheet HTML 3Page - Vishay Siliconix TSOP57240 Datasheet HTML 4Page - Vishay Siliconix TSOP57240 Datasheet HTML 5Page - Vishay Siliconix TSOP57240 Datasheet HTML 6Page - Vishay Siliconix TSOP57240 Datasheet HTML 7Page - Vishay Siliconix TSOP57240 Datasheet HTML 8Page - Vishay Siliconix TSOP57240 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TSOP572.., TSOP574..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 20-Jun-12
4
Document Number: 82434
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Sensitivity vs. Ambient Temperature
Fig. 10 - Relative Spectral Sensitivity vs. Wavelength
Fig. 11 - Horizontal Directivity
Fig. 12 - Sensitivity vs. Supply Voltage
Tamb - Ambient Temperature (°C)
0
0.05
0.10
0.15
0.20
0.40
- 30
- 10
10
30
50
70
90
0.30
0.25
0.35
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
750 800 850 900 950 1000 1050
1150
λ - Wavelength (nm)
1100
0.1
0.3
0.5
0.7
0.9
80°
70°
60°
50°
40°
30°
20°
10°
0°
- 10°
- 20°
- 30°
- 40°
- 50°
- 60°
- 70°
- 80°
21947
0
0.1
0.2
0.3
0.4
0.5
0.8
1.5
2.5
3.5
4.5
5.5
2.0
3.0
4.0
5.0
VS - Supply Voltage (V)
0.6
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com