Electronic Components Datasheet Search
  English  ▼

X  

SIJ482DP Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIJ482DP
Description  N-Channel 80 V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIJ482DP Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIJ482DP Datasheet HTML 2Page - Vishay Siliconix SIJ482DP Datasheet HTML 3Page - Vishay Siliconix SIJ482DP Datasheet HTML 4Page - Vishay Siliconix SIJ482DP Datasheet HTML 5Page - Vishay Siliconix SIJ482DP Datasheet HTML 6Page - Vishay Siliconix SIJ482DP Datasheet HTML 7Page - Vishay Siliconix SIJ482DP Datasheet HTML 8Page - Vishay Siliconix SIJ482DP Datasheet HTML 9Page - Vishay Siliconix SIJ482DP Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PAD Pattern
www.vishay.com
Vishay Siliconix
Revision: 07-Feb-12
1
Document Number: 63818
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED MINIMUM PAD FOR PowerPAK® SO-8L SINGLE
Recommended Minimum Pads
Dimensions in mm (inches)
5.000
(0.197)
0.510
(0.020)
0.595
(0.023)
4.061
(0.160)
3.630
(0.143)
0.410
(0.016)
0.710
(0.028)
0.610
(0.024)
2.715
(0.107)
1.270
(0.050)
1.905
(0.075)
0.860
(0.034)
0.820
(0.032)
7.250
(0.285)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com