Electronic Components Datasheet Search
  English  ▼

X  

VLMB1500 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VLMB1500
Description  Ultrabright 0402 ChipLED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMB1500 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VLMB1500 Datasheet HTML 3Page - Vishay Siliconix VLMB1500 Datasheet HTML 4Page - Vishay Siliconix VLMB1500 Datasheet HTML 5Page - Vishay Siliconix VLMB1500 Datasheet HTML 6Page - Vishay Siliconix VLMB1500 Datasheet HTML 7Page - Vishay Siliconix VLMB1500 Datasheet HTML 8Page - Vishay Siliconix VLMB1500 Datasheet HTML 9Page - Vishay Siliconix VLMB1500 Datasheet HTML 10Page - Vishay Siliconix VLMB1500 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
VLMS1500, VLMO1500, VLMY1500, VLMG1500, VLMB1500
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 21-May-12
9
Document Number: 82554
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
VLMS1500, VLMO1500, VLMY1500, VLMG1500, VLMB1500
SOLDERING PROFILE
Fig. 19 - Vishay Lead (Pb)-free Reflow Soldering Profile
(according to J-STD-020C)
BAR CODE PRODUCT LABEL (example only)
A) 2D barcode
B) Vishay part number
C) Quantity
D) PTC = selection code (binning)
E) Code of manufacturing plant
F) Batch = date code: year/week/plant code
G) Region code
H) SL = sales location
I)
Terminations finishing
K) Lead (Pb)-free symbol
L) Halogen-free symbol
M) RoHS symbol
Recommended solder
pad footprint
Technical drawings
according to DIN
specification
Not indicated tolerances ± 0.2
Drawing-No.: 6.541-5096.01-4
Issue: 1; 20.03.12
0.325
0.6
1.55
1
0.325
Cathode
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
255
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. Ramp Up 3 °C/s
max. Ramp Down 6 °C/s
255 °C
19470-4
IR Reflow Soldering Profile for lead (Pb)-free Soldering
Preconditioning acc. to JEDEC Level 2
max. 2 cycles allowed
A
B
D
C
E
F
G
H
I
M
L
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com