Electronic Components Datasheet Search
  English  ▼

X  

C2Q1 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # C2Q1
Description  Surface Mount Very Fast-Acting Chip Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

C2Q1 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  C2Q1 Datasheet HTML 1Page - Bel Fuse Inc. C2Q1 Datasheet HTML 2Page - Bel Fuse Inc. C2Q1 Datasheet HTML 3Page - Bel Fuse Inc. C2Q1 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Nominal
Power
Dissipation
@100% In
Nominal Cold
Resistance
(ohm)
Agency Approvals
Ampere Rating
(A)
Catalog
Number
Nominal Volt-
drop
@100% In
(volt)
Voltage
Rating
(V)
Interrupting Rating
Nominal
Melting I2T
<10 m Sec
(A2 Sec)
Nominal
Melting I2T
@ 10 In
(A2 Sec)
Type C2Q
Surface Mount Very Fast-Acting Chip Fuse
0603 Size
RoHS 6 Compliant
Electrical Specifications
C2Q May2012C
Pb
C2Q 250
250mA
0.77
0.243
0.002
0.0001
C2Q 300
300mA
0.54
0.217
0.003
0.0001
C2Q 375
375mA
0.42
0.196
0.005
0.0002
C2Q 500
500mA
0.28
0.171
0.009
0.0004
C2Q 750
750mA
0.17
0.159
0.020
0.0011
C2Q 1
1A
0.122
0.154
0.036
0.002
C2Q 1.25
1.25A
0.092
0.144
0.058
0.004
@100% In
(W)
0.06
0.07
0.07
Y
(ohm)
63
63
63
63
63
63
Y
Y
Y
Y
250mA - 4A / 32V AC
@ 35A
and 63V DC @ 50A
63
(volt)
(V)
(A2 Sec)
(A2 Sec)
Y
Y
Y
Y
Y
Y
Y
Y
Y
0.09
0.12
0.15
0.18
C2Q 1.5
1.5A
0.073
0.138
0.084
0.006
C2Q 2
2A
0.053
0.133
0.15
0.011
C2Q 2.5
2.5A
0.042
0.130
0.24
0.019
C2Q 3
3A
0.034
0.130
0.36
0.030
C2Q 3.5
3.5A
0.028
0.131
0.50
0.044
C2Q 4
4A
0.023
0.131
0.63
0.059
C2Q 5
5A
0.019
0.131
1.05
0.103
63
Y
Y
0.27
0.33
Y
Y
32
and 63V DC @ 50A
5A / 32V AC & DC @ 50A
63
63
63
63
63
0.39
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
0.46
0.52
0.66
0.21
0
100
110
120
130
140
Temperature Derating Curve
Average Time Current Curve
50
60
70
80
90
-75 -65 -55 -45 -35 -25 -15 -5
5
15
25
35
45
55
65
75
85
95 105 115 125 135 145
Ambient Temperature [oC]
CORPORATE OFFICE
FAR EAST OFFICE
EUROPE OFFICE
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
Bel Stewart GmbH
206 Van Vorst Street
8/F Luk Hop Industrial Building
Preston Technology Management Centre
Industriestrasse 20
Jersey City, NJ 07302
8 Luk Hop Street
Marsh Lane, Suite F15
61381 Friedrichsdorf
Tel 201-432-0463
San Po Kong
Preston, Lancashire, PR1 8UQ
Germany
Fax 201-432-9542  
Kowloon, Hong Kong
United Kingdom
Tel 49-6172-9552-0
E-Mail: belfuse@belf.com
Tel 852-2328-5515
Tel 44-1772-556601
Fax 49-6172-9552-40  
Website: www. belfuse.com
Fax 852-2352-3706  
Fax 44-1772-561008  
Specifications Subject to change without notice.
Website: www. belfuse.com
Fax 852-2352-3706  
Fax 44-1772-561008  



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com