Electronic Components Datasheet Search
  English  ▼

X  

SSQ250 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SSQ250
Description  Square Ceramic Surface Mount Quick Acting Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SSQ250 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SSQ250 Datasheet HTML 1Page - Bel Fuse Inc. SSQ250 Datasheet HTML 2Page - Bel Fuse Inc. SSQ250 Datasheet HTML 3Page - Bel Fuse Inc. SSQ250 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Agency Approvals
Maximum
Type SSQ
Square Ceramic Surface Mount Quick Acting Fuse
2410 Size
RoHS 6 Compliant
Electrical Specifications
SSQ May2012C
Pb
250mA
0.560
0.30
125
Y
Y
Y
375mA
0.335
0.27
125
Y
Y
Y
500mA
0.235
0.26
125
Y
Y
Y
750mA
0.131
0.19
125
Y
Y
Y
1A
0.081
0.14
125
Y
Y
Y
1.25A
0.065
0.14
125
Y
Y
Y
0.11
0.13
0.17
0.07
0.09
0.20
0.01
0.03
0.06
0.07
0.14
0.24
0.02
0.04
0.07
0.11
0.19
0.33
Volt-drop
@100% In
(volt) Max.
Voltage
Rating
(V)
SSQ750
SSQ1
SSQ1.25
SSQ500
Agency Approvals
Typical Cold
Resistance
(ohm)
Ampere
Rating (A)
Catalog
Number
SSQ250
SSQ375
Maximum
Power
Dissipation
(W)
Melting I2T
@ 10 In
(A2 Sec)
Melting I2T
<10 m Sec
(A2 Sec)
Interrupting Rating
1.25A
0.065
0.14
125
Y
Y
Y
1.5A
0.056
0.14
125
Y
Y
Y
2A
0.039
0.13
125
Y
Y
Y
2.5A
0.031
0.13
125
Y
Y
Y
3A
0.025
0.13
125
Y
Y
Y
3.5A
0.024
0.13
125
Y
Y
Y
4A
0.019
0.13
125
Y
Y
Y
5A
0.013
0.12
125
Y
Y
Y
125V @ 50A AC
and 86V @ 10,000A DC
and 125V @ 300A DC
0.62
0.30
0.51
0.47
0.43
0.20
0.23
0.36
0.41
0.8
1.4
2.4
3.3
4.4
7.8
8.8
0.24
3.0
3.9
5.1
0.33
0.57
1.0
1.7
SSQ5
SSQ 1.5
SSQ 2
SSQ2.5
SSQ3
SSQ3.5
SSQ4
SSQ1.25
6.3A
0.011
0.12
125
Y
Y
Y
7A
0.009
0.110
125
Y
Y
Y
8A
0.008
0.110
125
Y
Y
10A
0.007
0.110
125
Y
Y
12A
0.005
0.100
125
Y
Y
15A
0.004
0.100
86
Y
Y
86V@ 10,000A DC
125V @ 50A AC
and 86V @10,000A DC
0.74
124
1.54
44
0.89
1.07
0.81
1.24
69
14
19
26
46
70
15
20
25
121
SSQ15
SSQ6.3
SSQ7
SSQ8
SSQ10
SSQ12
Temperature Derating Curve
Average Time Current Curve
90
100
110
120
130
140
50
60
70
80
90
-75 -65 -55 -45 -35 -25 -15
-5
5
15
25
35
45
55
65
75
85
95 105 115 125 135 145
Ambient Temperature [oC]
CORPORATE OFFICE
FAR EAST OFFICE
EUROPE OFFICE
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
Bel Stewart GmbH
Specifications Subject to change without notice.
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
Bel Stewart GmbH
206 Van Vorst Street
8/F Luk Hop Industrial Building
Preston Technology Management Centre
Industriestrasse 20
Jersey City, NJ 07302
8 Luk Hop Street
Marsh Lane, Suite F15
61381 Friedrichsdorf
Tel 201-432-0463
San Po Kong
Preston, Lancashire, PR1 8UQ
Germany
Fax 201-432-9542  
Kowloon, Hong Kong
United Kingdom
Tel 49-6172-9552-0
E-Mail: belfuse@belf.com
Tel 852-2328-5515
Tel 44-1772-556601
Fax 49-6172-9552-40  
Website: www. belfuse.com
Fax 852-2352-3706  
Fax 44-1772-561008  



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com