Electronic Components Datasheet Search
  English  ▼

X  

UMTS4 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # UMTS4
Description  Square Ceramic Surface Mount Time Lag Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

UMTS4 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  UMTS4 Datasheet HTML 1Page - Bel Fuse Inc. UMTS4 Datasheet HTML 2Page - Bel Fuse Inc. UMTS4 Datasheet HTML 3Page - Bel Fuse Inc. UMTS4 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type UMTS , 250V UMF
Square Ceramic Surface Mount Time Lag Fuse
RoHS 6 Compliant
Electrical Specifications
UMTS May2012D
Pb
250mA
0.78
0.314
250
Y
Y
315mA
0.56
0.279
250
Y
Y
400mA
0.35
0.248
250
Y
Y
500mA
0.245
0.221
250
Y
Y
UMTS 400
UMTS 500
Agency Approvals
Typical Cold
Resistance
(ohm)
Ampere Rating
(A)
Catalog
Number
Maximum
Power
Dissipation
(W)
Melting I2T
@ 10 In
(A2 Sec)
Volt-drop
@100% In
(volt) Max.
Voltage
Rating
(V)
UMTS 250
UMTS 315
0.26
0.42
0.67
0.12
0.14
0.16
0.19
1.1
Interrupting Rating
Electrical Specifications
500mA
0.245
0.221
250
Y
Y
630mA
0.180
0.197
250
Y
Y
800mA
0.132
0.175
250
Y
Y
1A
0.085
0.156
250
Y
Y
1.25A
0.065
0.139
250
Y
Y
1.6A
0.061
0.110
250
Y
Y
2A
0.043
0.108
250
Y
Y
2.5A
0.035
0.106
250
Y
Y
UMTS 500
UMTS 1.6
UMTS 2
UMTS 2.5
9.2
15
UMTS 630
UMTS 800
UMTS 1
UMTS 1.25
1.7
2.8
4.4
7.0
0.19
0.33
1.1
0.25
0.50
5.6
100mA - 6.3A / 250V @150A AC and 350V
@100A AC
0.37
0.43
0.28
0.21
3.15A
0.025
0.104
250
Y
Y
4A
0.020
0.101
250
Y
Y
5A
0.014
0.099
250
Y
Y
6.3A
0.011
0.097
250
Y
Y
UMTS 6.3
UMTS 3.15
UMTS 4
UMTS 5
0.87
42
0.57
0.66
69
113
0.75
25
Consult manufacturer for other ratings
CORPORATE OFFICE
FAR EAST OFFICE
EUROPE OFFICE
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
Bel Stewart GmbH
206 Van Vorst Street
8/F Luk Hop Industrial Building
Preston Technology Management Centre
Industriestrasse 20
Jersey City, NJ 07302
8 Luk Hop Street
Marsh Lane, Suite F15
61381 Friedrichsdorf
Tel 201-432-0463
San Po Kong
Preston, Lancashire, PR1 8UQ
Germany
Tel 201-432-0463
San Po Kong
Preston, Lancashire, PR1 8UQ
Germany
Fax 201-432-9542  
Kowloon, Hong Kong
United Kingdom
Tel 49-6172-9552-0
E-Mail: belfuse@belf.com
Tel 852-2328-5515
Tel 44-1772-556601
Fax 49-6172-9552-40  
Website: www. belfuse.com
Fax 852-2352-3706  
Fax 44-1772-561008  



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com