Electronic Components Datasheet Search
  English  ▼

X  

NTCALUG02A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTCALUG02A
Description  NTC Thermistors, Low Thermal Gradient Lug Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG02A Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCALUG02A Datasheet HTML 1Page - Vishay Siliconix NTCALUG02A Datasheet HTML 2Page - Vishay Siliconix NTCALUG02A Datasheet HTML 3Page - Vishay Siliconix NTCALUG02A Datasheet HTML 4Page - Vishay Siliconix NTCALUG02A Datasheet HTML 5Page - Vishay Siliconix NTCALUG02A Datasheet HTML 6Page - Vishay Siliconix NTCALUG02A Datasheet HTML 7Page - Vishay Siliconix NTCALUG02A Datasheet HTML 8Page - Vishay Siliconix NTCALUG02A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NTCALUG02A Series
www.vishay.com
Vishay BCcomponents
Revision: 02-Aug-12
1
Document Number: 29094
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, Low Thermal Gradient Lug Sensors
APPLICATIONS
Thermistors used for accurate surface temperature sensing
and control in:
• Computer equipment
• Power electronics, heat-sink temperature control
• Consumer appliances
• Industrial equipment
• Automotive equipment
MOUNTING
The device is suitable for screwing e.g. on a metal surface
through means of an M3 screw. The connections are
suitable for soldering on a PCB or for connector insertion.
The sensor is not suitable for being in permanent contact
with water or liquids.
FEATURES
• Low thermal gradient due to the use of nickel
conductor and low profile closed ring tongue
• AEC-Q200 qualified (grade 1)
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
DESCRIPTION
Vishay thermistor chip NTC with epoxy coating and middle
buffer layer (2) mounted in a (3) metal ring lug with (4) PEEK
insulated leads AWG#30 (Ø 0.25 mm), mono-stranded
silver-plated nickel (insulation Ø 0.56 mm).
DESIGNERS TOOL
• NTC
thermistor
curve
computation
(Resistance/
Temperature) is available at:
www.vishay.com/resistors-non-linear/curve-computation-list/
• Other applicable screw size are available, for example stud
size metric 3 mm/American 3 to 4
• 3D or 2D solid models are available
Refer to www.vishay.com/doc?29106
• Other R/T-curves and tolerances available on request
• Other lead length, insulation or connector crimping
available on request
• AWG#28 or AWG#26 wires available on request
Note
(1) Is also known under material number NTCALUGE4C90294/2381 645 90294
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
4.7K to 100K
Tolerance on R25-value
± 1; ± 2; ± 3
%
B25/85 value
3435 to 4190
K
Tolerance on B25/85-value
± 0.5; ± 1.0; ± 1.5
%
Operating temperature range at
zero power
- 55 to 125
°C
Maximum dissipation at 25 °C
100
mW
Thermal time constant

5s
Dissipation factor
10
mW/K
Thermal gradient
< 0.05
K/K
Min. dielectric withstanding
voltage between terminals and lug
1000
VAC
Climatic category (LCT/UCT/days)
55/125/56
Weight
1.0
g
DIMENSIONS in millimeters
L1
L2
Ø D1
Ø D2
Ø D3
L3
T
45 ± 3
6 ± 1
3.7
8.5
4.1
16.8
0.8
D1
D2
T
L3
L1
L2
90294 a
D3
(4)
(2)
(3)
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(k
)
R25 TOL.
(%)
B25/85-VALUE
(K)
B25/85 TOL.
(%)
SAP MATERIAL AND ORDERING NUMBER
4.7
± 2
3984
± 0.5
NTCALUG02A472G
4.7
± 1
3984
± 0.5
NTCALUG02A472F
5
± 2
3984
± 0.5
NTCALUG02A502G
10
± 2
3984
± 0.5
NTCALUG02A103G (1)
10
± 1
3984
± 0.5
NTCALUG02A103F
10
± 1
3435
± 1.0
NTCALUG02A103FL
100
± 3
4190
± 1.5
NTCALUG02A104H


Similar Part No. - NTCALUG02A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG02A VISHAY-NTCALUG02A Datasheet
129Kb / 10P
NTC Thermistors, Low Thermal Gradient Lug Sensors
17-Nov-17
NTCALUG02A VISHAY-NTCALUG02A Datasheet
109Kb / 3P
NTC Thermistors, Low Thermal Gradient Lug Sensors
21-Feb-2022
NTCALUG02A103F VISHAY-NTCALUG02A103F Datasheet
129Kb / 10P
NTC Thermistors, Low Thermal Gradient Lug Sensors
17-Nov-17
NTCALUG02A103F161 VISHAY-NTCALUG02A103F161 Datasheet
129Kb / 10P
NTC Thermistors, Low Thermal Gradient Lug Sensors
17-Nov-17
NTCALUG02A103F161L VISHAY-NTCALUG02A103F161L Datasheet
129Kb / 10P
NTC Thermistors, Low Thermal Gradient Lug Sensors
17-Nov-17
More results

Similar Description - NTCALUG02A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG03 VISHAY-NTCALUG03 Datasheet
127Kb / 7P
NTC Thermistors, Mini Lug Sensors
16-Sep-10
NTCALUG03 VISHAY-NTCALUG03_11 Datasheet
117Kb / 7P
NTC Thermistors, Mini Lug Sensors
12-Apr-11
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
NTC Thermistors, Standard Lug Sensors
08-Aug-12
NTCALUG01A VISHAY-NTCALUG01A_17 Datasheet
91Kb / 3P
NTC Thermistors, Standard Lug Sensors
17-Nov-17
NTCALUG02A VISHAY-NTCALUG02A_17 Datasheet
129Kb / 10P
NTC Thermistors, Low Thermal Gradient Lug Sensors
17-Nov-17
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors
12-Oct-2018
NTCALUG01T VISHAY-NTCALUG01T_19 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors, 150 °C
30-Jan-2019
NTCALUG01A VISHAY-NTCALUG01A_V01 Datasheet
110Kb / 3P
NTC Thermistors, Standard Lug Sensors
01-Mar-2022
NTCALUG02A VISHAY-NTCALUG02A_V01 Datasheet
109Kb / 3P
NTC Thermistors, Low Thermal Gradient Lug Sensors
21-Feb-2022
NTCALUG91A VISHAY-NTCALUG91A Datasheet
108Kb / 3P
NTC Thermistors, Standard Lug Sensors
21-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com