Electronic Components Datasheet Search
  English  ▼

X  

NTCAFLEX05 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTCAFLEX05
Description  NTC Thermistors, Flex Foil Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCAFLEX05 Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCAFLEX05 Datasheet HTML 1Page - Vishay Siliconix NTCAFLEX05 Datasheet HTML 2Page - Vishay Siliconix NTCAFLEX05 Datasheet HTML 3Page - Vishay Siliconix NTCAFLEX05 Datasheet HTML 4Page - Vishay Siliconix NTCAFLEX05 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NTCAFLEX05 Series
www.vishay.com
Vishay BCcomponents
Revision: 30-May-12
1
Document Number: 29132
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, Flex Foil Sensors
Note
(1) Measured from 25 °C air to 125 °C heated plate, pressed on the
surface
DESIGNERS OPTIONS
• Other dimensions and various shapes of the flex circuit are
available on request
• A 3D solid model is available on request
Note
• FFC/FPC = Flexible Film Circuit/Flexible Printed Circuit
FEATURES
• Rapid response time down to 2 s
• Suitable for narrow space applications
• High flexibility of the foil
• Insulated and humidity resistant
• A strain relief hole is included in the flex design to avoid
traction to the sensor head
• Gold plated terminations
• AEC-Q200 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Consumer appliances and white goods
• Power supply (heat-sinks)
• Battery, displays, LED
• Industrial applications, robotics
• Boilers
• EV and HV batteries
DESCRIPTION
• Miniature NTC temperature sensor on flex foil, insulated
used for temperature sensing and control
• Surface temperature sensor with low thermal mass and
rapid response time on surface
MOUNTING
• The sensor head can be pressed on the surface with
means of insulating material (silicone foam) or spring
• The sensor head can also be glued wih a double-face
temperature resistant adhesive
• The
sensor
end
can
be
connected
to
PCB
counter-connector or wire-to-wire connector or soldered
to conductors, or crimped with FFC connectors and ZiF
connectors
• Remark: The response time and thermal gradient are
dependant of the application and of the way of mounting
the sensor in place
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
10K, 47K
Ω
Tolerance on
R25-value
± 3
%
B25/85-value
3960
K
Tolerance on B25/85-value
± 1
%
Operating temperature range at zero
power
- 40 to 125
°C
Thermal time constant on heating (1)
2s
Thermal gradient
< 0.02
K/K
Minimum dielectric withstanding
voltage
500
VAC
Minimum insulation resistance
10
M
Ω
Maximum dissipation at 25 °C
60
mW
Climatic category (LCT/UCT/days)
40/125/56
Weight (without connector)
0.06
g
ELECTRICAL DATA AND ORDERING INFORMATION
VISHAY SAP
ORDERING NUMBER
R25-VALUE
(Ω)
R25 TOL.
(± %)
B25/85-VALUE
(K)
B25/85 TOL.
(± %)
DESCRIPTION
R/T TABLE
NTCAFLEX05103HH
10 000
3
3960
1
NTC Flex05 10K 3 %
3960 K 25 mm
Table 1
NTCAFLEX05473HH
47 000
3
3960
1
NTC Flex05 47K 3 %
3960 K 25 mm
Table 2


Similar Part No. - NTCAFLEX05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCAFLEX05 VISHAY-NTCAFLEX05 Datasheet
111Kb / 3P
NTC Thermistors, Flex Foil Sensors
21-Sep-17
NTCAFLEX05 VISHAY-NTCAFLEX05 Datasheet
82Kb / 3P
NTC Thermistors, Flex Foil Sensors
18-Jun-2021
NTCAFLEX05103FH VISHAY-NTCAFLEX05103FH Datasheet
111Kb / 3P
NTC Thermistors, Flex Foil Sensors
21-Sep-17
NTCAFLEX05103FH VISHAY-NTCAFLEX05103FH Datasheet
82Kb / 3P
NTC Thermistors, Flex Foil Sensors
18-Jun-2021
NTCAFLEX05103FL VISHAY-NTCAFLEX05103FL Datasheet
111Kb / 3P
NTC Thermistors, Flex Foil Sensors
21-Sep-17
More results

Similar Description - NTCAFLEX05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
23226333 VISHAY-23226333 Datasheet
81Kb / 6P
NTC Thermistors, High Temperature Sensors
10-Oct-03
232264090042 VISHAY-232264090042 Datasheet
50Kb / 2P
NTC Thermistors, Steel Capped Sensors
10-Oct-03
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
NTC Thermistors, Standard Lug Sensors
08-Aug-12
NTCACAP VISHAY-NTCACAP Datasheet
104Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
NTCAFLEX05 VISHAY-NTCAFLEX05_17 Datasheet
111Kb / 3P
NTC Thermistors, Flex Foil Sensors
21-Sep-17
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors
12-Oct-2018
NTCAFLEX05SERIES VISHAY-NTCAFLEX05SERIES Datasheet
83Kb / 3P
NTC Thermistors, Flex Foil Sensors
18-Jun-2021
NTCACAP VISHAY-NTCACAP_V01 Datasheet
102Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
NTCAFLEX05 VISHAY-NTCAFLEX05_V01 Datasheet
82Kb / 3P
NTC Thermistors, Flex Foil Sensors
18-Jun-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com