Electronic Components Datasheet Search
  English  ▼

X  

EG01Z Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # EG01Z
Description  Fast-Recovery Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

EG01Z Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  EG01Z Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
70V-600V
0.7A-1.0A
AG01/EG01 Series
Fast-Recovery Rectifier Diodes
1 of 1
Web Site: www.taychipst.com
E-mail: sales@taychipst.com
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
0
1
5
30
50
10
25
20ms
20
15
10
5
0
1
5
50
10
20ms
5
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
EG01Y
EG01Z, EG01
0
25
50
75
100
125
150
0
0.1
0.2
0.3
0.4
0.5
25
0
1
5
50
10
20ms
2
4
6
8
10
L =15 mm
L =15mm
P. C. B.
180 •100 •1.6 t
10mm
L =10 mm
L =10 mm
P. C. B.
180 •100 •1.6 t
10mm
1
30
0.1
0.01
0.001
1
0.1
0.01
0.001
10
AG01Y
AG01Z, AG01
AG01A
L =15 mm
L =15mm
P. C. B.
180 •100 •1.6 t
10 mm
20
15
10
EG01Y
EG01Z, EG01
AG01Y
AG01Z,
AG01,
AG01A
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Ta
25ºC
=
0.6
1.0
1.4
1.8
0.2
2.2
2.6
Ta
150ºC
=
60ºC
100ºC
25ºC
0.6
1.0
1.4
1.8
0.2
2.2
2.6
3.0
Ta
150ºC
=
70ºC
100ºC
25ºC
10
100
10
1
0.1
1000
0.01
0.001
A
B
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
VR =VRM
Ta =100
°C max
IR
(mA)
IR (H)
(mA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/ W)
(g)
Mass
Others
AG01Y
70
AG01Z
200
AG01
400
AG01A
600
EG01Y
70
EG01Z
200
EG01
400
EG01A
600
1.0
0.7
25
15
1.2
1.8
0.7
1.0
0.1
0.5
100 100/100
100/200
–40 to +150
50
22
0.13
0.5
1.0
30
1.2
1.9
0.5
1.0
0.7
0.5
15
10
2.0
0.7
0.05
0.3
0.5
0.1
0.5
100 100/100
100/200
50
20
0.2
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage
VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature
Ta (
°C)
Overcurrent Cycles
I FMS
Rating
Ta — IF(AV) Derating
Forward Voltage
VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature
Ta (
°C)
Overcurrent Cycles
I FMS
Rating
Ta — IF(AV) Derating
Forward Voltage
V
VF—IF Characteristics (Typical)
Ambient Temperature
Ta (
°C)
Overcurrent Cycles
I FMS
Rating
Ta — IF(AV) Derating
Solder
Copper Foil
Solder
Copper Foil
Solder
Copper Foil
t rr
Œ
(ns)
t rr

(ns)
Rth ( j - )
AG01 series
EG01Y,EG01Z,EG01
EG01A
A
B


Similar Part No. - EG01Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EG01Z SANKEN-EG01Z Datasheet
24Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
EG01Z SANKEN-EG01Z Datasheet
109Kb / 3P
Ultra-Fast-Recovery Rectifier Diode
logo
Galaxy Semi-Conductor H...
EG01Z BILIN-EG01Z Datasheet
63Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Rugao Dachang Electroni...
EG01Z DACHANG-EG01Z Datasheet
121Kb / 2P
Plastic Ultra-Fast Recover Rectifiers Reverse Voltage 200 to 1000V Forward Current 0.5 to 0.7A
logo
Shenzhen Luguang Electr...
EG01Z LUGUANG-EG01Z Datasheet
174Kb / 2P
High Efficiency Rectifiers
More results

Similar Description - EG01Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com