Electronic Components Datasheet Search
  English  ▼

X  

CXA2020S Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA2020S
Description  EIAJ Sound Multiplexing Decoder
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2020S Datasheet(HTML) 5 Page - Sony Corporation

  CXA2020S Datasheet HTML 1Page - Sony Corporation CXA2020S Datasheet HTML 2Page - Sony Corporation CXA2020S Datasheet HTML 3Page - Sony Corporation CXA2020S Datasheet HTML 4Page - Sony Corporation CXA2020S Datasheet HTML 5Page - Sony Corporation CXA2020S Datasheet HTML 6Page - Sony Corporation CXA2020S Datasheet HTML 7Page - Sony Corporation CXA2020S Datasheet HTML 8Page - Sony Corporation CXA2020S Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
– 5 –
CXA2020M/S
Pin No.
SDIP
SOP
Symbol
16
20
ROUT
4.1V
R-ch output.
17
21
LOUT
4.1V
L-ch output.
During "TEST", the Cue
signal component
passed through the Cue
BPF is output.
18
22
MCIN
4.1V
19
23
MCOUT
3.4V
DC cut capacitor
connection of main
signal.
20
25
SCIN
4.1V
21
26
SCOUT
3.9V
DC cut capacitor
connection of sub
signal.
22
28
SUBI
4.1V
Bias capacitor
connection of sub FM
detector. "TEST" mode,
used for filter
adjustment, is
activated by grounding
this pin.
Pin
voltage
Equivalent circuit
Description
(22)
147
8k
64k
8k
Vcc
20µ
80µ
16k
1.7V
4.2V
147
1k
16k
Vcc
28
4.2V
147
80µ
20P
Vcc
80µ
GND
(21)
Vcc
147
147
26
(20)
Vcc
16k
25
4.2V
320µ
8k
40k
(19)
(18)
Vcc Vcc
147
147
16k
4.2V
147
160µ
147
80µ
80µ
20P
GND
Vcc
23
22
(17)
Vcc
147
GND
17.2k
1.5m
32k
32k
Vcc
21
(16)
Vcc
147
GND
17.2k
1.5m
32k
32k
Vcc
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com