Electronic Components Datasheet Search
  English  ▼

X  

CPH6341 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # CPH6341
Description  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6341 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  CPH6341_12 Datasheet HTML 1Page - Sanyo Semicon Device CPH6341_12 Datasheet HTML 2Page - Sanyo Semicon Device CPH6341_12 Datasheet HTML 3Page - Sanyo Semicon Device CPH6341_12 Datasheet HTML 4Page - Sanyo Semicon Device CPH6341_12 Datasheet HTML 5Page - Sanyo Semicon Device CPH6341_12 Datasheet HTML 6Page - Sanyo Semicon Device CPH6341_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CPH6341
No. A1084-1/7
Features
•
Low ON-resistance
•
High-speed switching
•
4V drive
•
Protection diode in
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--30
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--5
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--20
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (900mm2×0.8mm)
1.6
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7018A-003
Ordering number : ENA1084A
61312 TKIM/30508PE TIIM TC-00001220
SANYO Semiconductors
DATA SHEET
CPH6341
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: CPH6
• JEITA, JEDEC
: SC-74, SOT-26, SOT-457
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
3
4
1, 2, 5, 6
TL
1 : Drain
2 : Drain
3 : Gate
4 : Source
5 : Drain
6 : Drain
SANYO : CPH6
3
2
1
64
5
2.9
0.05
0.4
0.15
0.95
CPH6341-TL-E


Similar Part No. - CPH6341_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH6341-TL-E ONSEMI-CPH6341-TL-E Datasheet
734Kb / 6P
P-Channel Power MOSFET
January, 2014
CPH6341-TL-W ONSEMI-CPH6341-TL-W Datasheet
734Kb / 6P
P-Channel Power MOSFET
January, 2014
More results

Similar Description - CPH6341_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
General-Purpose Switching Device Applications
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
General-Purpose Switching Device Applications
VEC2822 SANYO-VEC2822 Datasheet
78Kb / 6P
General-Purpose Switching Device Applications
2SK4198FS SANYO-2SK4198FS Datasheet
273Kb / 5P
General-Purpose Switching Device Applications
2SK4227JS SANYO-2SK4227JS Datasheet
275Kb / 5P
General-Purpose Switching Device Applications
ATP213 SANYO-ATP213 Datasheet
262Kb / 4P
General-Purpose Switching Device Applications
BXL4001 SANYO-BXL4001 Datasheet
281Kb / 5P
General-Purpose Switching Device Applications
ECH8320 SANYO-ECH8320 Datasheet
280Kb / 4P
General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com