Electronic Components Datasheet Search
  English  ▼

X  

CXA2021 Datasheet(PDF) 2 Page - Sony Corporation

Part # CXA2021
Description  I2C BUS Sound Processor for TV
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2021 Datasheet(HTML) 2 Page - Sony Corporation

  CXA2021 Datasheet HTML 1Page - Sony Corporation CXA2021 Datasheet HTML 2Page - Sony Corporation CXA2021 Datasheet HTML 3Page - Sony Corporation CXA2021 Datasheet HTML 4Page - Sony Corporation CXA2021 Datasheet HTML 5Page - Sony Corporation CXA2021 Datasheet HTML 6Page - Sony Corporation CXA2021 Datasheet HTML 7Page - Sony Corporation CXA2021 Datasheet HTML 8Page - Sony Corporation CXA2021 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
– 2 –
CXA2021S
Block Diagram
1
22
L-IN
R-IN
20
19
21
10
13
17
16
AGC DET 1
AGC DET 2
150Hz HPF
DET1
DET2
Vcc
CH-L
CL-L
9
14
LOUT
ROUT
11
12
8
5
6
7
3
4
2
15
18
Vcc/2
VRS
GND
PS
SDA SCL
DAC
BUS DEC
TONE
VCA
TONE
VCA
BASS
TRE
VOL
BAL
PS
BASS TRE BAL VOL
I2C BUS SOUND PROCESSOR
Surround
L = L – (L – R)
×
1 – SCR
1 + SCR
R = R + (L – R)
×
1 – SCR
1 + SCR
R = 18K
CH-R CL-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com