Electronic Components Datasheet Search
  English  ▼

X  

CS8101 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8101
Description  Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8101 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8101_09 Datasheet HTML 1Page - ON Semiconductor CS8101_09 Datasheet HTML 2Page - ON Semiconductor CS8101_09 Datasheet HTML 3Page - ON Semiconductor CS8101_09 Datasheet HTML 4Page - ON Semiconductor CS8101_09 Datasheet HTML 5Page - ON Semiconductor CS8101_09 Datasheet HTML 6Page - ON Semiconductor CS8101_09 Datasheet HTML 7Page - ON Semiconductor CS8101_09 Datasheet HTML 8Page - ON Semiconductor CS8101_09 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CS8101
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Power Dissipation
Internally Limited
−
Peak Transient Voltage (46 V Load Dump @ VIN = 14 V)
−15, 60
V
Operating DC Voltage
30
V
ENABLE (Up to VIN with external resistor)
10
V
Output Current
Internally Limited
−
ESD Susceptibility (Human Body Model)
2.0
kV
ESD Susceptibility (Machine Model)
200
V
Operating Temperature
−40 to +125
°C
Junction Temperature Range
−40 to +150
°C
Storage Temperature Range
−55 to +150
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) (Note 1)
Reflow (SMD styles only) (Notes 2 & 3)
260 peak
240 peak
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 10 second maximum.
2. 60 second maximum above 183°C.
3. −5°C / +0°C allowable conditions.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (6.0 V ≤ VIN ≤ 26 V; IOUT = 1.0 mA; −40 ≤ TA ≤ 125, −40°C ≤ TJ ≤ 150°C,
unless otherwise noted.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Stage
Output Voltage, VOUT
9.0 V < VIN < 16 V, 100 mA ≤ IOUT ≤ 100 mA
6.0 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 100 mA
4.90
4.85
5.00
5.00
5.10
5.15
V
V
Dropout Voltage (VIN − VOUT)
IOUT = 100 mA
IOUT = 100 mA
−
−
400
100
600
150
mV
mV
Load Regulation
VIN = 14 V, 100 mA ≤ IOUT ≤ 100 mA
−
5.0
50
mV
Line Regulation
6.0 < V < 26 V, IOUT = 1.0 mA
−
5.0
50
mV
Quiescent Current, (IQ) Active Mode
IOUT = 100 mA, VIN = 6.0 V
IOUT = 50 mA
IOUT = 100 mA
−
−
−
70
4.0
12
140
6.0
20
mA
mA
mA
Quiescent Current, (IQ) Sleep Mode
VOUT = OFF, VIN = 6.0 V, VENABLE = 2.0 V
−
20
50
mA
Ripple Rejection
7.0 ≤ VIN ≤ 17 V, IOUT = 100 mA, f = 120 Hz
60
75
−
dB
Current Limit
−
105
200
−
mA
Short Circuit Output Current
VOUT = 0 V
25
125
−
mA
Thermal Shutdown
−
150
180
−
°C
Overvoltage Shutdown
VOUT ≤ 1.0 V
30
34
38
V
Reverse Current
VOUT = 5.0 V, VIN = 0 V
−
100
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com