Electronic Components Datasheet Search
  English  ▼

X  

CS8183 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8183
Description  Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8183 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8183_09 Datasheet HTML 1Page - ON Semiconductor CS8183_09 Datasheet HTML 2Page - ON Semiconductor CS8183_09 Datasheet HTML 3Page - ON Semiconductor CS8183_09 Datasheet HTML 4Page - ON Semiconductor CS8183_09 Datasheet HTML 5Page - ON Semiconductor CS8183_09 Datasheet HTML 6Page - ON Semiconductor CS8183_09 Datasheet HTML 7Page - ON Semiconductor CS8183_09 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS8183
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Value
Unit
Storage Temperature
−65 to 150
°C
Supply Voltage Range (continuous)
15 to 45
V
Supply Voltage Range (normal, continuous)
3.4 to 45
V
Peak Transient Voltage (VIN = 14 V, Load Dump Transient = 31 V)
45
V
Voltage Range (Adj, VREF/ENABLE, VOUT)
−10 to 45
V
Maximum Junction Temperature
150
°C
Package Thermal Resistance
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
18
73
°C/W
°C/W
ESD Capability
(Human Body Model)
(Machine Model)
2.0
200
kV
V
Lead Temperature Soldering
Reflow: (SMD styles only) (Note 1)
240 peak
(Note 2)
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 60 second maximum above 183°C.
2. −5°C/+0°C allowable conditions.
ELECTRICAL CHARACTERISTICS (VIN = 14 V; VREF/ENABLE > 2.75 V; −40°C ≤ TJ ≤ +125°C; COUT ≥ 10 mF;
0.1 W < COUT − ESR < 1.0 W @ 10 kHz; unless otherwise stated.)
Parameter
Test Conditions
Min
Typ
Max
Unit
REGULAR OUTPUT 1, 2
VREF − VOUT
VOUT Tracking Error
4.5 V ≤ VIN ≤ 26 V, 100 mA ≤ IOUT ≤ 200 mA, (Note 3)
−10
−
10
mV
Dropout Voltage (VIN − VOUT)
IOUT = 100 mA
IOUT = 200 mA
−
−
100
350
150
600
mV
mV
Line Regulation
4.5 V ≤ VIN ≤ 26 V, (Note 3)
−
−
10
mV
Load Regulation
100 mA ≤ IOUT ≤ 200 mA, (Note 3)
−
−
10
mV
Adj Lead Current
Loop in Regulation
−
0.2
1.0
mA
Current Limit
VIN = 14 V, VREF = 5.0 V, VOUT = 90% of VREF, (Note 3)
225
−
700
mA
Quiescent Current (IIN − IOUT)
VIN = 12 V, IOUT = 200 mA
VIN = 12 V, IOUT = 100 mA
VIN = 12 V, VREF/ENABLE = 0 V
−
−
−
15
75
30
25
150
55
mA
mA
mA
Reverse Current
VOUT = 5.0 V, VIN = 0 V
−
0.2
1.5
mA
Ripple Rejection
f = 120 Hz, IOUT = 200 mA, 4.5 V ≤ VIN ≤ 26 V
60
−
−
dB
Thermal Shutdown
−
150
180
210
°C
VREF/ENABLE 1, 2
Enable Voltage
−
0.80
2.00
2.75
V
Input Bias Current
VREF/ENABLE 1, 2 > 2.0 V
−
0.2
1.0
mA
3. VOUT connected to Adj lead.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com