Electronic Components Datasheet Search
  English  ▼

X  

CS8363 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8363
Description  3.3 V Dual Micropower Regulator with ENABLE and RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8363 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8363 Datasheet HTML 1Page - ON Semiconductor CS8363 Datasheet HTML 2Page - ON Semiconductor CS8363 Datasheet HTML 3Page - ON Semiconductor CS8363 Datasheet HTML 4Page - ON Semiconductor CS8363 Datasheet HTML 5Page - ON Semiconductor CS8363 Datasheet HTML 6Page - ON Semiconductor CS8363 Datasheet HTML 7Page - ON Semiconductor CS8363 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 12
1
Publication Order Number:
CS8363/D
CS8363
3.3 V Dual Micropower
Regulator with ENABLE and
RESET
The CS8363 is a precision Micropower dual voltage regulator with
ENABLE and RESET.
The 3.3 V standby output is accurate within −2%, +2.4% while
supplying loads of 100 mA. Quiescent current is low, typically 140
mA
with a 300
mA load. The active RESET output monitors the 3.3 V
standby output and is low during power−up and regulator dropout
conditions. The RESET circuit includes hysteresis and is guaranteed
to operate correctly with 1.0 V on the standby output.
The second output tracks the 3.3 V standby output through an
external adjust lead, and can supply loads of 250 mA. The logic level
lead ENABLE is used to control this tracking regulator output.
Both outputs are protected against overvoltage, short circuit, reverse
battery and overtemperature conditions. The robustness and low
quiescent current of the CS8363 makes it not only well suited for
automotive microprocessor applications, but for any battery powered
microprocessor applications.
Features
• 2 Regulated Outputs
− Standby Output 3.3 V −2%, +2.4%; 100 mA
− Adjustable Tracking Output; 250 mA
• Operation down to VIN = 4.5 V
• RESET for VSTBY
• ENABLE for VTRK
• Low Quiescent Current
• Protection Features
− Independent Thermal Shutdown
− Short Circuit
− 60 V Load Dump
− Reverse Battery
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
D2PAK−7
DPS SUFFIX
CASE 936AB
MARKING DIAGRAM
Pin 1. VSTBY
2. VIN
3. VTRK
4. GND
5. Adj
6. ENABLE
7. RESET
Device
Package
Shipping†
ORDERING INFORMATION*
CS8363YDPS7
D2PAK−7
50 Units/Rail
CS8363YDPSR7
D2PAK−7
750 Tape & Reel
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
CS8363
AWLYWW
1


Similar Part No. - CS8363

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8363 ONSEMI-CS8363 Datasheet
64Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
CS8363 ONSEMI-CS8363 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8363YDPS7 ONSEMI-CS8363YDPS7 Datasheet
69Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8363YDPS7 ONSEMI-CS8363YDPS7 Datasheet
64Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
More results

Similar Description - CS8363

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
logo
STMicroelectronics
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com