Electronic Components Datasheet Search
  English  ▼

X  

BYV26C Datasheet(PDF) 5 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYV26C
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYV26C Datasheet(HTML) 5 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYV26C Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYV26C Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BYV26C Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd BYV26C Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd BYV26C Datasheet HTML 5Page - Shenzhen Taychipst Electronic Co., Ltd BYV26C Datasheet HTML 6Page - Shenzhen Taychipst Electronic Co., Ltd BYV26C Datasheet HTML 7Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Fig.8
Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
Fig.7 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
5 of 7
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
6
0
2
10 2
10 1
110
10 2
10 3
10 4
4
5
1
3
t
(ms)
p
I FRM
(A)
= 0.05
δ
0.1
0.2
0.5
1
BYV26A to E
Tamb =60 °C; Rth j-a = 100 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 1000 V.
BYV26F and G
Tamb =60 °C; Rth j-a = 100 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 1400 V.
0
4
10 2
110
10 2
10 3
10 4
8
t
(ms)
p
10 1
I FRM
(A)
2
6
= 0.05
δ
0.1
0.2
0.5
1
200V-1400V
0.65A-1.05
Fast soft-recovery
controlled avalanche rectifiers
BYV26 series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com