Electronic Components Datasheet Search
  English  ▼

X  

DO-15 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # DO-15
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

DO-15 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  DO-15 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd DO-15 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE
SPECIFICATIONS
AND
CURVES
200V
1.5A
BYW100-200
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
.
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
VERY LOW CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
LOW FORWARD AND REVERSE RECOVERY
TIMES
ENABLE THE DETERMINATION OF trr AND
IRM AT 100
°C UNDER USERS CONDITIONS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IFRM
Repetitive peak forward current *
tp = 5
µs F = 1KHz
80
A
IF(AV)
Average forward current *
Ta = 95
°C δ = 0.5
1.5
A
IFSM
Surge non repetitive forward current
tp=10 ms sinusoidal
50
A
Tstg
Storage temperature range
-65 +150
°C
Tj
Maximum operating junction temperature
+ 150
°C
TL
Maximum lead temperature for soldering during 10s at 4mm from
case
230
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage
current
VR = VRRM
Tj = 25
°C
10
µA
Tj = 100
°C
0.5
mA
VF **
Forward voltage drop
IF = 4.5 A
Tj = 25
°C
1.2
V
IF = 1.5 A
Tj = 100
°C
0.78
0.85
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Tests conditions
Min.
Typ.
Max.
Unit
trr
IF = 1 A
dIF/dt = - 50 A/
µs VR = 30 V
Tj = 25
°C
35
ns
tfr
IF = 1.5 A
dIF/dt = -50 A/
µs
Measured at 1.1 x VF max.
Tj = 25
°C
30
ns
VFP
IF = 1.5 A
dIF/dt = -50 A/
µs
Tj = 25
°C
5V
Qrr
IF = 1.5 A
dIF/dt = -20 A/
µs VR ≤ 30 V
Tj = 25°C
10
nC
RECOVERY CHARACTERISTICS


Similar Part No. - DO-15

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DO-15 LUGUANG-DO-15 Datasheet
134Kb / 2P
Avalanche Diodes
DO-15 LUGUANG-DO-15 Datasheet
266Kb / 2P
Avalanche Diodes
DO-15 LUGUANG-DO-15 Datasheet
289Kb / 2P
Avalanche Diodes
DO-15 LUGUANG-DO-15 Datasheet
93Kb / 2P
Avalanche Diodes
DO-15 LUGUANG-DO-15 Datasheet
323Kb / 2P
Avalanche Diodes
More results

Similar Description - DO-15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYV255V STMICROELECTRONICS-BYV255V Datasheet
56Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
May-2000
BYV52 STMICROELECTRONICS-BYV52 Datasheet
70Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYV54V STMICROELECTRONICS-BYV54V Datasheet
56Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
May-2000
BYW77P-200 STMICROELECTRONICS-BYW77P-200 Datasheet
68Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Insulatingvoltage
BYW80-200 STMICROELECTRONICS-BYW80-200 Datasheet
73Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYW80PI-200 STMICROELECTRONICS-BYW80PI-200 Datasheet
55Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYW99P STMICROELECTRONICS-BYW99P Datasheet
78Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
SMBYW02-200 STMICROELECTRONICS-SMBYW02-200 Datasheet
69Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
logo
Shenzhen Taychipst Elec...
BYW98-200 TAYCHIPST-BYW98-200 Datasheet
965Kb / 2P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
STMicroelectronics
BYW51-200 STMICROELECTRONICS-BYW51-200 Datasheet
160Kb / 9P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Aug-2002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com