Electronic Components Datasheet Search
  English  ▼

X  

D1FH3 Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # D1FH3
Description  Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

D1FH3 Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  D1FH3 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd D1FH3 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd D1FH3 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
D1FH3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
30V
3A
Schottky Rectifiers
D1FH3
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.1
1
10
D1FH3
Tc=125°C [MAX]
Tc=125°C [TYP]
Tc= 25°C [MAX]
Tc= 25°C [TYP]
5
2
0.5
0.2
Forward Voltage
Forward Voltage VF [V]
0
0.5
1
1.5
2
0
1
2
345
DC
D=0.8
0.5
SIN
0.3
0.2
0.1
0.05
D1FH3
0
tp
IO
T
D=tp/T
Forward Power Dissipation
Average Rectified Forward Current IO [A]
0
10
20
30
40
50
60
70
80
1
10
100
D1FH3
2
5
20
50
Peak Surge Forward Capability
Number of Cycles [cycle]
10ms
10ms
1 cycle
non-repetitive,
sine wave,
Tj=25°C before
surge current is applied
0
5
10
15
20
25
30
35
40
0.1
1
10
100
1000
D1FH3
Tc=50°C [TYP]
Tc=75°C [TYP]
Tc=100°C [TYP]
Tc=125°C [TYP]
Reverse Current
Reverse Voltage VR [V]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com