Electronic Components Datasheet Search
  English  ▼

X  

MCT7818CD2T Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCT7818CD2T
Description  THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCT7818CD2T Datasheet(HTML) 2 Page - Motorola, Inc

  MCT7818CD2T Datasheet HTML 1Page - Motorola, Inc MCT7818CD2T Datasheet HTML 2Page - Motorola, Inc MCT7818CD2T Datasheet HTML 3Page - Motorola, Inc MCT7818CD2T Datasheet HTML 4Page - Motorola, Inc MCT7818CD2T Datasheet HTML 5Page - Motorola, Inc MCT7818CD2T Datasheet HTML 6Page - Motorola, Inc MCT7818CD2T Datasheet HTML 7Page - Motorola, Inc MCT7818CD2T Datasheet HTML 8Page - Motorola, Inc MCT7818CD2T Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MCT7800
MCT7800
2
MOTOROLA
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage
VI
35
Vdc
Power Dissipation
Case 221A
TA = +25°C
PD
Internally Limited
W
Thermal Resistance, Junction-to-Ambient
θJA
65
°C/W
Thermal Resistance, Junction-to-Case
θJC
5.0
°C/W
Case 936 (D2PAK)
TA = +25°C
PD
Internally Limited
W
Thermal Resistance, Junction-to-Ambient
θJA
70
°C/W
Thermal Resistance, Junction-to-Case
θJC
5.0
°C/W
Storage Junction Temperature Range
Tstg
– 65 to +150
°C
Operating Junction Temperature
TJ
+150
°C
Representative Schematic Diagram
100
500
3.3 k
2.7 k
500
1.4 k
100
100
10 k
Input
Output
Gnd
240
200
0.3
6.0 k
2.0 k
30 pF
28 k
6.0 k
1.0 k
5.0 k
0.25 k
5.0 k
This device contains 19 active transistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com