Electronic Components Datasheet Search
  English  ▼

X  

G68 Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # G68
Description  Silicon Z?밆iodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

G68 Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  G68 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd G68 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd G68 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
BZG03C Series
2 of 2
Web Site: www.taychipst.com
E-mail: sales@taychipst.com
10V-270V 3.0A
BZG03C Series
Silicon Z–Diodes
Fig. 3 -
Fig. 2 -
Total Power Dissipation vs. Ambient Temperature
Forward Current vs. Forward Voltage
Non Repetitive Surge Power Dissipation vs.
Pulse Length
Thermal Response
0
0
0.5
1
1.5
2
2.5
3
3.5
94 9580
25
50
75
100
125
Tamb - Ambient Temperature (°C)
150
R
thJA = 100 K/W
R
thJA = 25 K/W
0
0.5
1.0
1.5
0
0.5
1.0
1.5
2.0
3.0
2.0
94 9581
VF - Forward Voltage (V)
2.5
0.01
0.1
1
10
10
100
1000
10 000
tp - Pulse Length (ms)
100
94 9582
1
10
100
1000
tp - Pulse Length (s)
94 9583
10-5
10-4
10-3
10-2
10-1
100
101
102
tp/T = 0.5
tp/T = 0.2
tp/T = 0.1
tp/T = 0.05
tp/T = 0.02
tp/T = 0.01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com