Electronic Components Datasheet Search
  English  ▼

X  

DDZ21 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDZ21
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ21 Datasheet(HTML) 1 Page - Diodes Incorporated

  DDZ21 Datasheet HTML 1Page - Diodes Incorporated DDZ21 Datasheet HTML 2Page - Diodes Incorporated DDZ21 Datasheet HTML 3Page - Diodes Incorporated DDZ21 Datasheet HTML 4Page - Diodes Incorporated DDZ21 Datasheet HTML 5Page - Diodes Incorporated DDZ21 Datasheet HTML 6Page - Diodes Incorporated DDZ21 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DDZ5V1B - DDZ43
Document number: DS30407 Rev. 12 - 2
1 of 7
www.diodes.com
September 2012
© Diodes Incorporated
DDZ5V1B - DDZ43
SURFACE MOUNT PRECISION ZENER DIODE
Features
•
Very Tight Tolerance on VZ
•
Ideally Suited for Automated Assembly Processes
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Notes 3 & 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOD123
•
Case Material: Molded Plastic, “Green Molding Compound”.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: Cathode Band
•
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
•
Weight: 0.01 grams (approximate)
Ordering Information (Notes 4 & 5)
Part Number
Case
Packaging
DDZ(VZ Rank)-7*
SOD123
3000/Tape & Reel
* Example: The part number for the 6.2 Volt device would be DDZ6V2B-7.
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Product manufactured with Date Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2003
2004
…
2011
2012
2013
2014
2015
2016
2017
Code
P
R
…
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
xx = Product Type Marking Code
(See Electrical Characteristics Table)
YM = Date Code Marking
Y = Year (ex: T = 2006)
M = Month (ex: 9 = September)
xx
SOD123


Similar Part No. - DDZ21

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ21 DIODES-DDZ21 Datasheet
178Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 2 - 2
DDZ21 DIODES-DDZ21 Datasheet
177Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 7 - 2
DDZ21 DIODES-DDZ21 Datasheet
313Kb / 8P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 20
DDZ21 DIODES-DDZ21 Datasheet
539Kb / 8P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 20
DDZ21-7 DIODES-DDZ21-7 Datasheet
177Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 7 - 2
More results

Similar Description - DDZ21

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
UDZ5V1B DIODES-UDZ5V1B_08 Datasheet
135Kb / 4P
SURFACE MOUNT PRECISION ZENER DIODE
Rev. 14 - 2 September 2008
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 5
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 9
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com