Electronic Components Datasheet Search
  English  ▼

X  

Y200 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # Y200
Description  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

Y200 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  Y200 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd Y200 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd Y200 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZY97 SERIES
3.9V-200V
1.5W
1 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
s
s
s
Complete voltage range 3.9 to 200 V
For use in stablilizing and clipping circuits
Smaller voltage tolerances are available
MECHANICAL DATA
Case:JEDEC DO-41,molded plastic
Terminals: Axial leads solderable per MIL-
STD-202,Method 208
Polarity: Color band denotes cathods end
Mounting position: any
Weight: 0.012 ounces,0.34 grams
with high power rating.
s
s
s
s
s
ZENER DIODES
Parameter
Power dissipation at T
A=60℃ (Note 1)
Maximum thermal resistance
junction to ambient
Junction temperature
Storage temperature range
K/W
RθJA
60
℃
-55 to +150
℃
TSTG
TJ
-55 to +150
Symbol
Ptot
Unit
Value
1.5
W
Maximum Ratings and Thermal Characteristics
(TA=25℃ unless otherwise noted)
Notes
1)Valid provided that leads at a distance of 3/8" from case are kept at ambient temperature.


Similar Part No. - Y200

ManufacturerPart #DatasheetDescription
logo
C&K Components
Y2001U CK-COMPONENTS-Y2001U Datasheet
923Kb / 8P
4, 5 & 6 Tumbler Switchlocks
2018
logo
ITT Industries
Y2001U2A203NB ITT-Y2001U2A203NB Datasheet
582Kb / 8P
4, 5 & 6 Tumbler Switchlocks
Y2001U2A203NBE ITT-Y2001U2A203NBE Datasheet
582Kb / 8P
4, 5 & 6 Tumbler Switchlocks
Y2001U2A203NQ ITT-Y2001U2A203NQ Datasheet
582Kb / 8P
4, 5 & 6 Tumbler Switchlocks
Y2001U2A203NQE ITT-Y2001U2A203NQE Datasheet
582Kb / 8P
4, 5 & 6 Tumbler Switchlocks
More results

Similar Description - Y200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com