Electronic Components Datasheet Search
  English  ▼

X  

TFPTL10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TFPTL10
Description  Radial Leaded PTC - Nickel Thin Film Linear Thermistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFPTL10 Datasheet(HTML) 1 Page - Vishay Siliconix

  TFPTL10 Datasheet HTML 1Page - Vishay Siliconix TFPTL10 Datasheet HTML 2Page - Vishay Siliconix TFPTL10 Datasheet HTML 3Page - Vishay Siliconix TFPTL10 Datasheet HTML 4Page - Vishay Siliconix TFPTL10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
TFPTL
Vishay
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 33027
1
Revision: 25-Oct-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DESCRIPTION
These thermistors are based on a Nickel thin film resistor
technology as thermal sensitive material. The device
consists of a thin film ceramic chip with two tinned copper
clad steel wire leads.
FEATURES
 Nickel thin film PTC element
 High stability over the entire temperature range
 cUL recognized component: File E148885
 Epoxy coated UL 94 V-0 approved
 Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
APPLICATIONS
Temperature measurement, sensing, compensation and
control in industrial and consumer applications. For on-board
or remote sensing.
MARKING
The thermistors are laser marked with value and tolerance
reference on an epoxy based coating.
(Example: 102F = 10 x 102 = 1000
 1 %)
MOUNTING
By soldering or welding in any position.
Notes
(1) Contact Vishay if closer TCR lot tolerance is desired
(2) Other
R25-values and tolerances are available upon request
(3) Rated continuous working voltage is maximum working voltage or
, whichever is less
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
DESCRIPTION
TFPTL10
TFPTL15
Resistance value at 25 °C (2)
100 to 1K
100 to 5K
Tolerance on
R25-value (2)
± 1; ± 5
%
TCR at 25 °C
4110
ppm/K
Tolerance on TCR at 25 °C (1)
± 400
ppm/K
Operating temperature range:
at rated power
- 55 to + 70
°C
at zero dissipation
- 55 to + 150
Response time (in oil)
1.1
1.6
s
Dissipation factor
 (for information only)
2.9
3.4
mW/K
Maximum rated power at 70 °C (
P70)
75
100
mW
Maximum working voltage RCWV (3)
30
40
V
Climatic category (LCT/UCT/days)
55/150/56
-
Weight
0.12
0.14
g
STANDARD RESISTANCE VALUES at 25 °C in
(2)
100
150
220
330
470
680
1K
1.5K
2.2K
3.3K
4.7K
120
180
270
390
560
820
1.2K
1.8K
2.7K
3.9K
5.0K
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: TFPTL10L1001FL2B
PRODUCT
TYPE
SIZE
CHARACTERISTIC
RESISTANCE
VALUE
TOLERANCE
LEAD
CONFIGURATION
PACKAGING
TFPT
Leaded
10
15
L = Linear
1000 = 100R
1001 = 1K
5001 = 5K
F = ± 1 %
J = ± 5 %
L2
H5
B = Bulk (500 pieces)
U = Ammopack (2500 pieces)
T = T/R (4000 pieces)
P
70 x R
L1
0L
0
0
F
1
PT
B
2
F
1L
T


Similar Part No. - TFPTL10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFPTL VISHAY-TFPTL Datasheet
497Kb / 5P
Nickel thin film PTC element
25-Oct-11
TFPTL VISHAY-TFPTL Datasheet
495Kb / 5P
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
25-Oct-11
TFPTL VISHAY-TFPTL_V01 Datasheet
495Kb / 5P
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
25-Oct-11
More results

Similar Description - TFPTL10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
Radial Leaded PTC
logo
Vishay Siliconix
TFPT1206L1002JV VISHAY-TFPT1206L1002JV Datasheet
88Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
22-Mar-11
TFPT0805L5001FY VISHAY-TFPT0805L5001FY Datasheet
88Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
22-Mar-11
TFPTL VISHAY-TFPTL Datasheet
497Kb / 5P
Nickel thin film PTC element
25-Oct-11
TFPT VISHAY-TFPT_17 Datasheet
103Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
30-Aug-16
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
Radial Leaded PTC
logo
Vishay Siliconix
TFPTL VISHAY-TFPTL_V01 Datasheet
495Kb / 5P
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
25-Oct-11
TFPT VISHAY-TFPT_V01 Datasheet
118Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
14-Jan-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com