Electronic Components Datasheet Search
  English  ▼

X  

SE98PW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SE98PW
Description  I2C Demonstration Board 2005-1 Quick Start Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE98PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SE98PW Datasheet HTML 3Page - NXP Semiconductors SE98PW Datasheet HTML 4Page - NXP Semiconductors SE98PW Datasheet HTML 5Page - NXP Semiconductors SE98PW Datasheet HTML 6Page - NXP Semiconductors SE98PW Datasheet HTML 7Page - NXP Semiconductors SE98PW Datasheet HTML 8Page - NXP Semiconductors SE98PW Datasheet HTML 9Page - NXP Semiconductors SE98PW Datasheet HTML 10Page - NXP Semiconductors SE98PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
UM10206
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
User manual
Rev. 01 — 13 June 2006
7 of 12
Philips Semiconductors
UM10206
I2C Demonstration Board 2005-1 Quick Start Guide
6.
I2C Demonstration Board device description
The I2C-bus devices on the I2C Demonstration Board 2005-1 are described in Table 1
Table 1.
I2C-bus devices on the Training Board
Device
Description
I2C Address
PCF8574TS
8-bit I2C and SMBus I/O port with interrupt
0x40
PCA9536D
4-bit I2C and SMBus I/O port
0x82
PCA9540BD
2-channel I2C-bus multiplexor
0xE0
PCF85116-3TD
2048 x 8-bit CMOS EEPROM with I2C-bus interface
0xA0 to 0xAE
PCF8563TD
real time clock / calendar
0xA2
PCA9538D
8-bit I2C and SMBus low power I/O port with interrupt and
reset
0xE4
PCA9551D
8-bit I2C-bus LED driver with programmable blink rates
0xC0
SA56004ED
SMBus compatible, local and remote digital temperature
sensor with over temperature alarm, accuracy:
± 10C
0x98
PCA9543AD
2 channel I2C-bus switch with interrupt logic and reset
0xE2
2 x PCA9531D
8-bit I2C-bus LED dimmer
0xC8 (both)
PCA9541D/01
2-to-1 I2C-bus master selector with interrupt logic and
reset
0xFE
SE98PW
local only, temperature sensor for SO-DIMM
0x30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com