Electronic Components Datasheet Search
  English  ▼

X  

PCA9624 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9624
Description  Smart, simple solutions for the 12 most common design concerns
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9624 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9624 Datasheet HTML 1Page - NXP Semiconductors PCA9624 Datasheet HTML 2Page - NXP Semiconductors PCA9624 Datasheet HTML 3Page - NXP Semiconductors PCA9624 Datasheet HTML 4Page - NXP Semiconductors PCA9624 Datasheet HTML 5Page - NXP Semiconductors PCA9624 Datasheet HTML 6Page - NXP Semiconductors PCA9624 Datasheet HTML 7Page - NXP Semiconductors PCA9624 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
I2C-bus: The serial revolution
By replacing complex parallel interfaces with a straightforward yet powerful serial
structure, the I2C-bus revolutionized chip-to-chip communications.
Invented by NXP (Philips) more than 30 years ago, the I2C-bus uses a simple two-wire
format to carry data one bit at a time. It performs inter-chip addressing, selection,
control, and data transfer. Speeds are up to 400 kHz (Fast-mode), 1 MHz (Fast-mode
Plus), 3.4 MHz (High Speed-mode), or 5 MHz (Ultra Fast-mode).
The I2C-bus shrinks the IC footprint and leads to lower IC costs. Plus, since far fewer
copper traces are needed, it enables a smaller PCB, reduces design complexity, and
lowers system cost.
SDA
SCL
uC
A0
A1
1010A2A1A0R/W
A2
New function address
1010011 R/W
New function address
as assigned
New
function
MCU
MCU
RTC
LCD
I/O
A/D
D/A
I2C-bus devices are available in a wide range of functions. Each slave device has its own I2C-bus address, selectable using
address pins set high (1) or low (0). Information is transmitted byte by byte, and each byte is acknowledged by the receiver.
There can be multiple devices on the same bus, and more than one IC can act as master. The master role is typically played by a
microcontroller.
Parallel Interface
I2C Serial Interface
Master
Write data
Slave
SDA
SCL
transmitter
P
W
S
data
slave address
data
A
A
A
receiver
SDA
SCL
transmitter
receiver
Read data
P
R
S
data
slave address
data
A
A
A
<
n data bytes
>
last data byte
S = Start condition
R/W = read/write
A = Acknowledge
A = Not acknowledge P = Stop condition
The master always sends the clock
< n data >
bytes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com