Electronic Components Datasheet Search
  English  ▼

X  

MPF4393 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MPF4393
Description  JFET Switching Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPF4393 Datasheet(HTML) 1 Page - ON Semiconductor

  MPF4393 Datasheet HTML 1Page - ON Semiconductor MPF4393 Datasheet HTML 2Page - ON Semiconductor MPF4393 Datasheet HTML 3Page - ON Semiconductor MPF4393 Datasheet HTML 4Page - ON Semiconductor MPF4393 Datasheet HTML 5Page - ON Semiconductor MPF4393 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2012
February, 2012 − Rev. 6
1
Publication Order Number:
MPF4392/D
MPF4392, MPF4393
JFET Switching Transistors
N−Channel − Depletion
Features
• Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain−Source Voltage
VDS
30
Vdc
Drain−Gate Voltag
VDG
30
Vdc
Gate−Source Voltage
VGS
30
Vdc
Forward Gate Current
IG(f)
50
mAdc
Total Device Dissipation
@ TA = 25°C
Derate above 25°C
PD
350
2.8
mW
mW/°C
Operating and Storage Channel
Temperature Range
Tchannel,
Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
2 SOURCE
3
GATE
1 DRAIN
Device
Package
Shipping†
ORDERING INFORMATION
MPF4392
TO−92
1000 Units / Bulk
MPF4392G
TO−92
(Pb−Free)
1000 Units / Bulk
MPF4393
TO−92
1000 Units / Bulk
MPF4393G
TO−92
(Pb−Free)
1000 Units / Bulk
MPF4393RLRP
TO−92
1000 / Ammo Box
MPF4393RLRPG
TO−92
(Pb−Free)
1000 / Ammo Box
TO−92 (TO−226AA)
CASE 29−11
STYLE 5
MARKING DIAGRAM
MPF439x = Device Code
x = 2 or 3
A
= Assembly Location
Y
= Year
WW
= Work Week
G
=Pb−Free Package
MPF
439x
AYWW G
G
(Note: Microdot may be in either location)
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3


Similar Part No. - MPF4393

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPF4393 MOTOROLA-MPF4393 Datasheet
119Kb / 6P
JFETs Switching
logo
ON Semiconductor
MPF4393 ONSEMI-MPF4393 Datasheet
119Kb / 6P
JFETs Switching
1997 REV 1
MPF4393 ONSEMI-MPF4393 Datasheet
75Kb / 6P
JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
MPF4393G ONSEMI-MPF4393G Datasheet
75Kb / 6P
JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
MPF4393RLRP ONSEMI-MPF4393RLRP Datasheet
75Kb / 6P
JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
More results

Similar Description - MPF4393

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBF4391LT1 MOTOROLA-MMBF4391LT1 Datasheet
139Kb / 6P
JFET Switching Transistors
logo
ON Semiconductor
MMBF4391LT1 ONSEMI-MMBF4391LT1 Datasheet
90Kb / 6P
JFET Switching Transistors
September, 2004 ??Rev. 4
MMBF4391LT1 ONSEMI-MMBF4391LT1_06 Datasheet
82Kb / 6P
JFET Switching Transistors N-Channel
January, 2006 ??Rev. 5
MPF4392 ONSEMI-MPF4392_06 Datasheet
75Kb / 6P
JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
MMBF4391LT1G ONSEMI-MMBF4391LT1G_09 Datasheet
176Kb / 6P
JFET Switching Transistors
October, 2009 ??Rev. 7
logo
New Jersey Semi-Conduct...
2N4856A NJSEMI-2N4856A Datasheet
196Kb / 2P
JFET SWITCHING
2N5653 NJSEMI-2N5653 Datasheet
143Kb / 1P
JFET SWITCHING
logo
ON Semiconductor
MMBF4391LT1G ONSEMI-MMBF4391LT1G_12 Datasheet
134Kb / 6P
JFET Switching Transistors
May, 2012 ??Rev. 10
MMBF4393LT3G ONSEMI-MMBF4393LT3G Datasheet
134Kb / 6P
JFET Switching Transistors
May, 2012 ??Rev. 10
MMBF4391L ONSEMI-MMBF4391L Datasheet
180Kb / 6P
JFET Switching Transistors
October, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com