Electronic Components Datasheet Search
  English  ▼

X  

MUN2136 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MUN2136
Description  Digital Transistors (BRT) R1 = 100 k, R2 = 100 k
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN2136 Datasheet(HTML) 4 Page - ON Semiconductor

  MUN2136 Datasheet HTML 1Page - ON Semiconductor MUN2136 Datasheet HTML 2Page - ON Semiconductor MUN2136 Datasheet HTML 3Page - ON Semiconductor MUN2136 Datasheet HTML 4Page - ON Semiconductor MUN2136 Datasheet HTML 5Page - ON Semiconductor MUN2136 Datasheet HTML 6Page - ON Semiconductor MUN2136 Datasheet HTML 7Page - ON Semiconductor MUN2136 Datasheet HTML 8Page - ON Semiconductor MUN2136 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MUN2136, MUN5136, DTA115EE, DTA115EM3
http://onsemi.com
4
Table 3. ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current
(VCB = 50 V, IE = 0)
ICBO
−
−
100
nAdc
Collector−Emitter Cutoff Current
(VCE = 50 V, IB = 0)
ICEO
−
−
500
nAdc
Emitter−Base Cutoff Current
(VEB = 6.0 V, IC = 0)
IEBO
−
−
0.05
mAdc
Collector−Base Breakdown Voltage
(IC = 10 mA, IE = 0)
V(BR)CBO
50
−
−
Vdc
Collector−Emitter Breakdown Voltage (Note 3)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
−
−
Vdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = 5.0 mA, VCE = 10 V)
hFE
80
150
−
Collector−Emitter Saturation Voltage (Note 3)
(IC = 10 mA, IB = 0.3 mA)
VCE(sat)
−
−
0.25
Vdc
Input Voltage (off)
(VCE = 5.0 V, IC = 100 mA)
Vi(off)
−
1.2
−
Vdc
Input Voltage (on)
(VCE = 0.2 V, IC = 1.0 mA)
Vi(on)
−
1.7
−
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kW)
VOL
−
−
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
−
−
Vdc
Input Resistor
R1
70
100
130
kW
Resistor Ratio
R1/R2
0.8
1.0
1.2
3. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com