Electronic Components Datasheet Search
  English  ▼

X  

NB3N511 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3N511
Description  3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N511 Datasheet(HTML) 2 Page - ON Semiconductor

  NB3N511 Datasheet HTML 1Page - ON Semiconductor NB3N511 Datasheet HTML 2Page - ON Semiconductor NB3N511 Datasheet HTML 3Page - ON Semiconductor NB3N511 Datasheet HTML 4Page - ON Semiconductor NB3N511 Datasheet HTML 5Page - ON Semiconductor NB3N511 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NB3N511
http://onsemi.com
2
Table 1. CLOCK MULTIPLIER SELECT TABLE
S1*
S0*
CLKOUT Multiplier
L
L
4X Input
L
M
5.333X Input
L
H
5X Input
M
L
2.5X Input
M
M
2X Input
M
H
3.333X Input
H
L
6X Input
H
M
3X Input
H
H
8X Input
*Pins S1 and S0 default to M when open
L = GND
H = VDD
M = OPEN (unconnected; will default to VDD/2)
Figure 2. NB3N511 Package Pinout,
8−Pin (150 mil) SOIC (Top View)
CLKOUT
S0
OE
X2
X1/ICLK
VDD
GND
S1
1
2
3
45
6
7
8
Table 2. PIN DESCRIPTION
Pin #
Name
I/O
Description
1
X1/ICLK
Crystal or
LVCMOS/LVTTL Input
Crystal or external reference clock input
2
VDD
Power supply
Positive supply voltage
3
GND
Power supply
0 V. Ground.
4
S1
Three level Input
Multiplier select pin − connect to VDD, GND or float
5
CLKOUT
LVCMOS/LVTTL
Output
Clock output
6
S0
Three level Input
Multiplier select pin − connect to VDD, GND or float
7
OE
LVCMOS/LVTTL Input
Output Enable. CLKOUT is high impedance when OE is low. Internal pullup
8
X2
Crystal
Crystal input – Leave open when providing an external clock reference
Table 3. COMMON OUTPUT FREQUENCY
EXAMPLES
Output Frequency
(MHz)
Input Frequency
(MHz)
S1, S0
20
10
M, M
24
12
M, M
30
10
H, M
32
16
M, M
33.33
16.66
M, M
37.5
15
M, L
40
10
L, L
48
12
L, L
50
20
M, L
60
10
H, L
64
16
L, L
Table 4. COMMON OUTPUT FREQUENCY
EXAMPLES
Output Frequency
(MHz)
Input Frequency
(MHz)
S1, S0
66.66
20
M, H
72
12
H, L
75
25
H, M
80
10
H, H
83.33
25
M, H
90
15
H, L
100
20
L, H
120
15
H, H
125
25
L, H
133.3
25
L, M
150
25
H, L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com