Electronic Components Datasheet Search
  English  ▼

X  

NCL30002 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCL30002
Description  Power Factor Corrected Buck LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30002 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCL30002 Datasheet HTML 9Page - ON Semiconductor NCL30002 Datasheet HTML 10Page - ON Semiconductor NCL30002 Datasheet HTML 11Page - ON Semiconductor NCL30002 Datasheet HTML 12Page - ON Semiconductor NCL30002 Datasheet HTML 13Page - ON Semiconductor NCL30002 Datasheet HTML 14Page - ON Semiconductor NCL30002 Datasheet HTML 15Page - ON Semiconductor NCL30002 Datasheet HTML 16Page - ON Semiconductor NCL30002 Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NCL30002
http://onsemi.com
13
Figure 24. Theoretical Average Output Current over one half line cycle (conduction angle)
Mode 3 Ipeak = Constant
Mode 2 ton = Constant
Mode 1 Input Current = 0
An output capacitor filters the output current in the LED
string. The dynamic LED resistance, line frequency, and the
size of the filter capacitance determine the exact LED ripple.
The NCL30002 operates as a CrM controller. The
controller draws very low currents while the Vcc filter
capacitor charges to the start-up threshold. Since CrM
operation is not clocked at a fixed frequency and depends on
the state of the power circuit to initiate a new switching
cycle, a kick start timer turns on the gate driver to start a new
cycle. The kick start timer will do this anytime the driver is
off for more than about 180
msec as long as none of the
protection circuits are disabling the gate driver output.
The NCL30002 (refer to the block diagram − Figure 1) is
composed of 4 key functional blocks along with protection
circuitry to ensure reliable operation of the controller.
• On−Time Control
• Zero Current Detection Control
• MOSFET Gate Driver
• Startup and VCC Management
On Time Control
The on−time control circuitry (Figure 25) consists of a
precision current source which charges up an external
capacitor (Ct) in a linear ramp. The voltage on Ct (after
removing an internal offset) is compared to an external
control voltage and the output of the comparator is used to
turn off the output driver thus terminating the switching
cycle. A signal from the driver is fed back to the on−time
control block to discharge the Ctcapacitor thus preparing the
circuit for the start of the next switching cycle.
The state of Vcontrol is determined by the external
regulation loop. The range of on−time is determined by the
charging slope of the Ct capacitor and is clamped at 4.93 V
nominal. The Ct capacitor is sized to ensure that the required
on−time is reached at maximum output power and the
minimum input line voltage condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com