Electronic Components Datasheet Search
  English  ▼

X  

OP184 Datasheet(PDF) 4 Page - Analog Devices

Part # OP184
Description  Technical Article
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP184 Datasheet(HTML) 4 Page - Analog Devices

  OP184 Datasheet HTML 1Page - Analog Devices OP184 Datasheet HTML 2Page - Analog Devices OP184 Datasheet HTML 3Page - Analog Devices OP184 Datasheet HTML 4Page - Analog Devices OP184 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MS-2212
Technical Article
www.analog.com
©2011 Analog Devices, Inc. All rights reserved.
November 2011 | Page 4 of 5
Table 1.
Competitor
Type
Spec (mA)
Follower (mA)
Vol (mA)
Voh (mA)
LM358
Bipolar
30V
2
0.707
0.506
0.671
LM393
Bipolar
36V
2.5
0.548
0.565
0.567
OP184
Bipolar
30V
2
1.239
1.188
6.683
A
Bipolar
24V
0.45
0.361
3.442
0.708
B
Bipolar
30V
3.4
2.785
2.051
3.998
C
Bipolar
30V
4.5
4.063
5.336
3.786
AD8605
CMOS
5V
1.2
0.998
0.544
0.625
A
CMOS
5V
0.9
0.511
0.361
10.152
B
CMOS
5V
2.4
1.916
2.759
2.475
C
CMOS
5V
1.4
1.039
0.822
0.667
Red highlighted values indicate exceeds data sheet limit.
Figure 6.
CMOS Rail-to-Rail Op Amps
The CMOS op amps have an interesting behavior. In some
cases, the supply current actually goes down when driven to
a rail. The output stage of a CMOS op amp consists of
common source PMOS and NMOS transistors, and gain is
taken in the output stage. The gain is gm × RL, and to get a
reasonable value of transconductance, the drive circuit is
designed to set the quiescent current to a certain value. As
the output is driven into the rail, the drive circuit will
decrease the drive on the complementary transistor.
Depending on the transfer characteristics from the top
transistor to the bottom transistor, the current will actually
decrease. Note the wide variation in behavior among the
four CMOS op amps selected.
Finally, in the desire to reduce die size and, therefore, cost,
some circuits, such as bias circuits and the associated startup
circuit, may be shared by both op amps. As mentioned
previously (8), if one op amp operates outside of its normal
range and causes the bias circuit to malfunction, then the
other op amp will malfunction also.
In battery operated systems or when using low current series
regulators, the additional supply current should be
considered. Battery life may be less than calculated, or the
regulator may not start up under all conditions, especially
over temperature.
Tips
For new designs, the easiest solution is “Don’t use op amps
as comparators!” If you must, or have used one by accident
as a comparator:
•
Check the data sheet to see if the manufacturer
has any information on operation as a
comparator. Some manufacturers are adding
this information (9,10).
•
If the information is not there, ask the
manufacturer if it is available.
•
If they cannot provide it, measure several date
codes yourself using the circuits shown previously,
and add 50% for a safety factor.
V+
I2
I1
Q1
Q3
Q4
Q2
V–
Q5
VOUT
Q6
R6
R3
R2
R1
R4
R5
D1
INPUT FROM
SECOND GAIN
STAGE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com