Electronic Components Datasheet Search
  English  ▼

X  

OP284 Datasheet(PDF) 3 Page - Analog Devices

Part # OP284
Description  Technical Article
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP284 Datasheet(HTML) 3 Page - Analog Devices

  OP284 Datasheet HTML 1Page - Analog Devices OP284 Datasheet HTML 2Page - Analog Devices OP284 Datasheet HTML 3Page - Analog Devices OP284 Datasheet HTML 4Page - Analog Devices OP284 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Article
MS-2212
www.analog.com
November 2011 | Page 3 of 5
©2011 Analog Devices, Inc. All rights reserved.
within the specified input voltage range (IVR) from the data
sheet specification table.
To measure supply current when open loop, such as
operation as a comparator, see Figure 4 and Figure 5. Some
low noise, bipolar op amps have diodes between the inputs
to protect the differential input pair, so the maximum
differential voltage is usually stated in the Absolute
Maximum table as ±0.7 V. If there are internal series
resistors, they are usually in the 500 Ω to 2 kΩ range. The
Absolute Maximum table may state that the maximum
differential voltage is ± supply voltage, but this does not
mean that the part operates. A simplified internal schematic
should be consulted. If one is not provided, a quick call to
the manufacturer can resolve this. In these two
configurations, the choice of resistor values is a little more
critical. The resistor values should be low enough to cause
the differential input voltage to be at least 0.5 V to guarantee
that the output is driven hard into the rail but high enough
not to damage the internal diodes. Values were chosen to
limit the input current to less than 1 mA.
Figure 4. Comparator, output low
Figure 5. Comparator, output high
Table 1 lists the maximum supply current specification from
the data sheets, the measured supply current with the op
amp connected as a follower with VIN halfway between the
supply pins (Figure 3), and the supply current with the
output forced low (Figure 4) and forced high (Figure 5).
Classic op amp and comparator
Table 1 shows that the classic LM358 and LM393 are well
behaved, as expected.
Bipolar Rail-to-Rail Op Amps
All the bipolar rail-to-rail output op amps have supply
current greater than the “maximum” op amp supply current
in one or both comparator circuits. There are several ways to
drive the output stage, so some methods will result in a
supply current increase when driving to one rail or the other.
Without being privy a manufacturer’s internal schematics,
one cannot comment on the behavior.
For the OP284, the second stage and output stage simplified
schematic is shown on the data sheet. See Figure 6.
If VOUT is driven high by Q5/Q3/Q4, the supply current will
be a function of the values of R4 and R6. These values are
selected to maximize the op amp performance and minimize
die area, not comparator operation. When VOUT is driven
low by Q6/R1/Q1, the supply current will be determined by
R1. Again, the values of R1, I1, etc. are chosen for op amp
performance, not comparator performance.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com