Electronic Components Datasheet Search
  English  ▼

X  

AD8605 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8605
Description  Technical Article
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8605 Datasheet(HTML) 2 Page - Analog Devices

  AD8605 Datasheet HTML 1Page - Analog Devices AD8605 Datasheet HTML 2Page - Analog Devices AD8605 Datasheet HTML 3Page - Analog Devices AD8605 Datasheet HTML 4Page - Analog Devices AD8605 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MS-2212
Technical Article
www.analog.com
©2011 Analog Devices, Inc. All rights reserved.
November 2011 | Page 2 of 5
input protection diodes, phase reversal, and several other op
amp characteristics but argues that careful attention to these
details can pay off. He does briefly mention RRO op amps,
but not supply current.
As supply voltages decreased, one of the methods used to try
to maintain a large voltage swing, was to convert the classic
output stage to a “rail to rail” output stage. A classic output
stage is shown in Figure 1. Referring to the non-rail-to-rail
output, the output can only get within about 1 V of the
positive supply.
To get closer to the rails, the output stage transistors were
changed to a common emitter configuration as shown in
Figure 2.
Figure 2. Bipolar rail-to-rail output
The “rail-to-rail” output is not really rail-to-rail, but can get
within 50 mV to 100 mV of the supply depending on the
size of the output transistor and the load current.
Comparing these two output stages, there are three
important things to note: First, the classic output stage has
current gain, but a voltage gain less than one, and very low
output impedance. Second, the rail-to-rail output stage is a
common emitter stage and, thus, has voltage gain,
approximately gm × RL. RL is composed of the external load
and the output impedance (RO) of the transistor. With the
output operating more than several hundred millivolts away
from the rail, RO is very large and can usually be neglected,
but not if the output is close to the rail. Third, the output can
be considered as a classic two transistor ratioed current
mirror. This is the crux of the problem.
In normal operation, the middle stage will pull the base-
collector node down, driving more current into the load and
raising the voltage. With negative feedback, as the output
voltage rises, the input stage and middle stage will reduce the
drive until the closed loop is balanced.
When used as a comparator, the middle stage will pull the
base-collector node down, trying to close the loop, but with
no feedback, it continues to pull harder and harder. This
additional current finds a path from the positive supply pin
to the negative supply pin and appears as additional supply
current. There are several different ways of driving the
output stage, and combined with the difference in mobility
between holes and electrons, the increase in supply current
is usually not symmetrical.
To quantify this effect, a bipolar op amp and a CMOS op
amp were obtained from Analog Devices and three of its
major analog competitors. For comparison purposes, the
venerable LM358 dual op amp (non-RRO) and LM393 dual
comparator were also included. The supply current was
measured as a function of supply voltage using three circuits.
Figure 3 shows the classic method for measuring supply
current. The ammeters are connected as shown so that the
supply current of the resistive divider is not included.
Figure 3.
Two ammeters are used to verify that the supply current is
accurate and does not include any undesired current path
through the input pins. The resistor values are noncritical,
and are selected to ensure that the input to the op amp is



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com