Electronic Components Datasheet Search
  English  ▼

X  

CXA2149 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXA2149
Description  US Audio Multiplexing Decoder
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2149 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXA2149 Datasheet HTML 17Page - Sony Corporation CXA2149 Datasheet HTML 18Page - Sony Corporation CXA2149 Datasheet HTML 19Page - Sony Corporation CXA2149 Datasheet HTML 20Page - Sony Corporation CXA2149 Datasheet HTML 21Page - Sony Corporation CXA2149 Datasheet HTML 22Page - Sony Corporation CXA2149 Datasheet HTML 23Page - Sony Corporation CXA2149 Datasheet HTML 24Page - Sony Corporation CXA2149 Datasheet HTML 25Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
—21—
CXA2149Q
AOUT3 Mute Switch Data3 Bit 6
Mutes the LOUT3 and ROUT3 channels at the electronic volume control output so that a click free audio
channel change can take place.
AOUT3 mute bit
Meaning
0
Mute off
1
Mute on
The normal sequence for a click free channel change is as follows:-
1. Mute the channel 3 outputs (AOUT3 mute=1) with zero cross detection on (ZCD switch=1).
2. Change the channel 3 audio source, AOUT3L/R control.
3. Un-mute the channel 3 outputs still with zero cross detection on.
LO0 or LO1 Control Data2 Bit 7 (LO0 control) and Bit 6 (LO1 control)
Used to control the switching of the open collector outputs. The output transistor emitters are connected to
digital ground. Each output is capable of sinking 1 mA.
LO0 or LO1 bit
Collector output
0
Low impedance
1
High impedance
Zero Cross Detection Switch Data3 Bit 7
Switches the ZCD function on or off. When the ZCD is on, a volume control change or mute instruction sent
via the I2C bus will only be implemented when a minimal, ie., zero cross, signal amplitude is detected.
ZCD bit
Meaning
0
ZCD off
1
ZCD on
SYNC ID Switches Data6 Bit 5 (SYNC1 Switch) and Bit 4 (SYNC2 Switch)
Switches the respective SYNC ID circuit to an input our output. SYNC1 switches between the TV input and
YOUT1 output. SYNC2 switches between the CVIN1 input and YOUT2 output.
SYNC1 or SYNC2 bit
Input to SYNC ID
0
YOUT1 and YOUT2
1
YV and CVIN1
External Logic Inputs and Output
Hardware Mute
The hardware mute (Pin 17) provided will mute all audio outputs when the pin voltage exceeds 2.5 V.
In this case the muting will be instantaneous.
SCART Modes
Three Mode inputs (Pins 18, 19 and 20) are used to allow the format identification of up to three SCART ports.
See the description for mode status.
LO0 and LO1 Logic Outputs
LO0 and LO1 are open collector output I2C controllable logic switch for any external switching functions an
application may require. See the description for LO0 and LO1 control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com