Electronic Components Datasheet Search
  English  ▼

X  

ISL28107 Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL28107
Description  Intersil?셲 Solutions for Industrial Process Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL28107 Datasheet HTML 9Page - Intersil Corporation ISL28107 Datasheet HTML 10Page - Intersil Corporation ISL28107 Datasheet HTML 11Page - Intersil Corporation ISL28107 Datasheet HTML 12Page - Intersil Corporation ISL28107 Datasheet HTML 13Page - Intersil Corporation ISL28107 Datasheet HTML 14Page - Intersil Corporation ISL28107 Datasheet HTML 15Page - Intersil Corporation ISL28107 Datasheet HTML 16Page - Intersil Corporation ISL28107 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
PLC
www.intersil.com/industrial_process_control | 13
HV Dual Supply Power Solution
Integrated FET Boost Regulator: ISL97701
Boost Regulator
for Positive and
Negative Supplies
• Up to 87% Efficiency
• 2.3V to 5.5V Input
• Up to 28V Output
• Integrated Boost Schottky Diode
• Input Voltage Disconnect Switch for Micro Power
Shutdown
• Synchronization Input
• 10 Ld 3x3 DFN Package
• Pb-free (RoHS Compliant)
• Up to 2.5W Output Power
Key Features
VDDOUT
NEN
NSYNC
GND
C0
5µF
C1
4.7µF
R1
383kΩ
R2
22.2kΩ
L1
6.8µH
LX
VOUT
FB
20.99V
VDD
5V
C3
4.7µF
+
+
-
-
R6
100kΩ
R5
100kΩ
5V
C2
4.7µF
- 20.99V
R4
100kΩ
R3
33.2kΩ
D1
Q1
V0
D2
D3
+
-
+
+
-
-
VOUT(positive)
20V
VOUT(negative)
-20V
ISL97701
ISL28108
ISL28108
5V
V-
V-
V+
V+
VDDOUT
NEN
NSYNC
GND
C0
5µF
C1
3.3µF
R1
390kΩ
R2
39kΩ
L1
6.8µH
LX
VOUT
FB
VDD+2V TO 30V
NOTE: VOUT = (390k + 39k)/39k*1.15V = 12.65V
VDD
2.3V TO 5.5V
ISL97701
Internally
compensated boost
requires only a small
3.3µF output cap for
stability.
Integrated
Schottky diode
Integrated input
disconnect switch
enables true micro
power shutdown.
Synchronization input
to lock to preferred
switching frequency to
reduce unwanted noise
in the system.
Up to 2.5W Output Power Delivered in a 3x3mm TDFN Package
Highly Integrated Design Reduces External Components
VIN (V)
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
3.2
2.9
2.6
2.3
2.0
1.7
1.4
1.1
0.8
0.5
RECOMMENDED MAXIMUM OUTPUT POWER vs INPUT VOLTAGE
For more information, refer to AN1673 “Application Circuit to generate
Positive and Negative Supplies Using ISL97701 Boost Regulator”.
Analog Input
Analog Output
Control
Sensors
Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com