Electronic Components Datasheet Search
  English  ▼

X  

TMPM330FDFG Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # TMPM330FDFG
Description  32-Bit Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM330FDFG Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button TMPM330FDFG Datasheet HTML 16Page - Toshiba Semiconductor TMPM330FDFG Datasheet HTML 17Page - Toshiba Semiconductor TMPM330FDFG Datasheet HTML 18Page - Toshiba Semiconductor TMPM330FDFG Datasheet HTML 19Page - Toshiba Semiconductor TMPM330FDFG Datasheet HTML 20Page - Toshiba Semiconductor TMPM330FDFG Datasheet HTML 21Page - Toshiba Semiconductor TMPM330FDFG Datasheet HTML 22Page - Toshiba Semiconductor TMPM330FDFG Datasheet HTML 23Page - Toshiba Semiconductor TMPM330FDFG Datasheet HTML 24Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Part Number
Power Supply
Voltage
(V)
Operating
Temperature
(˚C)
Package
TMPM320C1DFG
NA
320K
1024K
144
8
11442484
Yes
2
Yes
Yes
55
(Note 1)
-40 to 85
LQFP144
(20×20 mm)
Part Number
Power Supply
Voltage
(V)
Operating
Temperature
(˚C)
Package
TMPM350FDTFG **
512K
48K
88
2
32
12
20
7161
(Note 1)
1
Yes
Yes
Yes
43
4.5 to 5.5
-40 to 105
LQFP100
(14×14 mm)
TMPM354F10TFG **
1024K
64K
80
3
64
2
3
21
52411
(Note 1)
1
Yes
Yes
Yes
56
-40 to 125
LQFP144
(20×20 mm)
ROM Less Versions
TX03 Family: TX03 Series (for Audio Applications)
Flash Versions
TX03 Family: TX03 Series (for Automotive Applications)
–
23 –
Note 1) The following three power supplies are available:
(1) For general port, AD converter: 3.0 V to 3.6 V
(2) For USB: 3.15 V to 3.45 V
(3) For internal circuitry: 1.1 V to 1.3 V
• Contact the Toshiba sales representative for information about RoHS compliance before you purchase any components.
• For detailed product specifications, see appropriate datasheets.
Note 1) The seven capture inputs of the timer can be programmed as external maskable interrupts.
• Contact the Toshiba sales representative for information about RoHS compliance before you purchase any components.
• For detailed product specifications, see appropriate datasheets.
**: Under development



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com