Electronic Components Datasheet Search
  English  ▼

X  

X9111 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9111
Description  DIGITAL POTENTIOMETERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9111 Datasheet(HTML) 2 Page - Intersil Corporation

  X9111 Datasheet HTML 1Page - Intersil Corporation X9111 Datasheet HTML 2Page - Intersil Corporation X9111 Datasheet HTML 3Page - Intersil Corporation X9111 Datasheet HTML 4Page - Intersil Corporation X9111 Datasheet HTML 5Page - Intersil Corporation X9111 Datasheet HTML 6Page - Intersil Corporation X9111 Datasheet HTML 7Page - Intersil Corporation X9111 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 | www.intersil.com/DCPs-DCCs
+
+
=
Resistor Ladder
Resolution: 4-bit to 10-bit
RTOTAL: 1kΩ to 100kΩ
DCP
TSSOP, SC-70,
SOT-23, µTQFN
I2C, SPI, Up/Down,
Pushbutton
Register Store
Non-volatile: E2PROM
Volatile: RAM
Digital Control
Advantage
DCP
Mechanical Potentiometer
Reliability
Not susceptible to mechanical vibration & higher
tolerance to environmental factors.
Have moving parts, so can be more sensitive to
vibration, humidity, etc.
Power-up
DCPs with EEPROM will store setting until user
changes the value in memory (~100k to 1M
times).
If glue is used to prevent wiper movement, the
device setting cannot be changed.
Control
Digital control - reduced manufacturing costs and
enables factory automation
Manual control – increases setup time and
accuracy is reliant on technician
Size
Typically Smaller
Typically Larger
Advantage
DCP
DAC
Flexibility of
Output
Terminals
3 terminals allow use as either voltage divider
or variable resistor. Also allows user to change
voltage at terminal ends.
Terminals are usually fixed rail to rail. No flexibility
to change between IOUT and VOUT.
Power-up
Output Setting
Non-volatile DCPs have EEPROM where a user
can store power-up settings.
Output typically has default settings like Volatile
DCPs.
Digital
Interface
Multiple Choices: I2C, SPI, U/D, Push-button
Primarily I2C or SPI
ADVANtAgeS of DCP vs. DeViCeS with SimilAr fuNCtioNS
WhAT IS A DCP?
Digitally Controlled Potentiometers are integrated circuits incorporating a resistor ladder with its associated registers, non-
volatile or volatile memory, and a digital interface providing direct communication between a host and both the resistor
ladder and memory.
register Store
DCP wiper position is stored in a
register. When power is reset, a volatile
DCP typically sets the wiper position to
midscale or zero-scale at power-up. When
the power is cycled for a nonvolatile DCP,
the last value stored in the EEPROM
register is recalled, which loads the initial
wiper value during power-up.
Digital Control
Digital control allows the user to select each
switch in a “make before break” mode,
transferring the potential to the wiper.
DIGITAL POTENTIOMETERS
iNterSil SeleCtioN guiDe
DCP
overview
DCP Structure
DCP
= Digitally Controlled Potentiometer
tap
= Switch position on resistor string
rtotAl = Total Resistance
wiper (Vw/rw)
= DCP output node
DCP oVerView
ACCESS CONTROL REGISTER (ACR)
VOL
SHDN
WIP
0
0
0
0
0
VH /RH
VL /RL
VW/RW
Only one
closes at
a time
RTOTAL
TAP 1
TAP 2
TAP 127
TAP 128
resistor ladder
The resistor array is comprised of individual resistors
connected in series. There are electronic switches (taps)
at each resistor junction, which have a common output
node called a wiper (VW/RW). Each physical end of the
array is described as a terminal and referred to as VH/
RH and VL/RL, and the resistance between the terminals
is referred to as RTOTAL.
DATA
8
1
CLOCK



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com