Electronic Components Datasheet Search
  English  ▼

X  

X9268 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9268
Description  DIGITAL POTENTIOMETERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9268 Datasheet(HTML) 7 Page - Intersil Corporation

  X9268 Datasheet HTML 1Page - Intersil Corporation X9268 Datasheet HTML 2Page - Intersil Corporation X9268 Datasheet HTML 3Page - Intersil Corporation X9268 Datasheet HTML 4Page - Intersil Corporation X9268 Datasheet HTML 5Page - Intersil Corporation X9268 Datasheet HTML 6Page - Intersil Corporation X9268 Datasheet HTML 7Page - Intersil Corporation X9268 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.intersil.com/DCPs-DCCs | 7
INTERSIL DCP QUICk REFERENCE
Volatile (No EEPROM Memory)
Non-Volatile (EEPROM Memory)
Special Function DCPs
Single 16-tap (4-bits)
ISL23512-10kΩ,PushButton
Single 32-tap (5-bits)
X9015-10kΩ/50kΩ/100kΩ,Up-Down
ISL23511-10kΩ/50kΩ,PushButton
ISL90460-10kΩ/50kΩ/100kΩ,Up-Down,Rheostat
ISL90461-10kΩ/50kΩ/100kΩ,Up-Down,2-Terminal
ISL90462-10kΩ/50kΩ/100kΩ,Up-Down,2-Terminal
Single 128-tap (7-bits)
ISL90726-10kΩ/50kΩ,I2C, 2-Terminal
ISL90727-10kΩ/50kΩ,I2C, 2-Terminal
ISL90728-10kΩ/50kΩ,I2C, 2-Terminal
ISL23711-10kΩ/50kΩ,I2C
ISL23710-10kΩ/50kΩ,Up-Down
Single 256-tap (8-bits)
ISL90810-10kΩ/50kΩ,I2C
ISL23315-10kΩ/50kΩ/100kΩ,I2C,Low Voltage
ISL23415-10kΩ/50kΩ/100kΩ,SPI,LowVoltage
D
D
Quad 256-tap (8-bits)
ISL90840-10kΩ/50kΩ,I2C
ISL90841-10kΩ/50kΩ,I2C, 2-Terminal
ISL90842-10kΩ/50kΩ,I2C, 2-Terminal
ISL90843-10kΩ/50kΩ,I2C, Wiper Only
Dual 32-tap (5-bits)
X9460-32kΩ,LogTaper,2-Wire
ISL22102-32kΩ,LogTaper,AudioDetect,
Push Button
D
Single 16-Tap (4-Bits)
X9116-10kΩ,Up-Down
ISL22512-10kΩ,PushButton
Single 32-tap (5-bits)
X9313-1kΩ/10kΩ/50kΩ,Up-Down
X9314-10kΩ,LogTaper,Up-Down
X9315-10kΩ/50kΩ/100kΩ,Up-Down
X93154-50kΩ,Up-Down,2-Terminal
X93155-50kΩ,Up-Down,2-Terminal
X93156-12.5kΩ/50kΩ,Up-Down
X9511-10kΩ,PushButton
ISL22511-10kΩ/50kΩ,PushButton
Single 64-tap (6-bits)
X9429-2.5kΩ/10kΩ,2-Wire
Single 100-tap (~6.65-bits)
X9317-1kΩ/10kΩ/50kΩ/100kΩ,Up-Down
X9318-10kΩ,Up-Down
X9319-10kΩ/50kΩ/100kΩ,Up-Down
X9C102-1kΩ,Up-Down
X9C103-10kΩ,Up-Down
X9C104-100kΩ,Up-Down
X9C503-50kΩ,Up-Down
X9C303-32kΩ,LogTaper,Up-Down
Single 128-tap (7-bits)
ISL22316-10kΩ/50kΩ,I2C
ISL22317-10kΩ/50kΩ/100kΩ,1%Tolerance,I2C
ISL22319-10kΩ/50kΩ,I2C, Wiper Only
ISL95311-10kΩ/50kΩ,I2C
ISL95711-10kΩ/50kΩ,I2C
ISL96017-10kΩ/50kΩ,I2C (16kbits extra EEPROM)
ISL22416-10kΩ/50kΩ,SPI
ISL22419-10kΩ/50kΩ,SPI,WiperOnly
ISL95310-10kΩ/50kΩ,Up-Down
ISL95710-10kΩ/50kΩ,Up-Down
Single 256-tap (8-bits)
ISL95810-10kΩ/50kΩ,I2C
ISL95811-10kΩ/50kΩ,I2C
ISL22313-10kΩ/50kΩ/100kΩ,I2C
ISL22414-10kΩ/50kΩ/100kΩ,SPI
Single 1024-tap (10-bits)
X9110-100kΩ,SPI
X9111-100kΩ,SPI
X9118-100kΩ,2-Wire
X9119-100kΩ,2-Wire
D
D
D
E
E
D
D
D
D
D
E
D
E
D
D
D
D
D
Dual 32-tap (5-bits)
X93254-50kΩ,Up-Down,2-Terminal
X93255-50kΩ,Up-Down,2-Terminal
X93256-50kΩ,Up-Down
Dual 64-tap (6-bits)
X9410-10kΩ,SPI
X9221A-2kΩ/10kΩ/50kΩ,2-Wire
X9418-2.5kΩ/10kΩ,2-Wire
Dual 128-tap (7-bits)
ISL22326-10kΩ/50kΩ,I2C
ISL22329-10kΩ/50kΩ,I2C, Wiper Only
ISL22426-10kΩ/50kΩ,SPI
ISL22429-10kΩ/50kΩ,SPI,WiperOnly
Dual 256-tap (8-bits)
X95820-10kΩ/50kΩ,I2C
X9260-50kΩ/100kΩ,SPI
X9261-50kΩ/100kΩ,SPI
X9268-50kΩ/100kΩ,2-Wire
ISL22323-10kΩ/50kΩ/100kΩ,I2C
ISL22424-10kΩ/50kΩ/100kΩ,SPI
D
D
D
D
D
D
D
Quad 64-tap (6-bits)
X9400-2.5kΩ/10kΩ,SPI
X9401-10kΩ,SPI
X9241A-2kΩ/10kΩ/50kΩ,2-Wire
X9408-2.5kΩ/10kΩ,2-Wire
X9409-2.5kΩ/10kΩ,2-Wire
Quad 128-tap (7-bits)
ISL22346-10kΩ/50kΩ,I2C
ISL22349-10kΩ/50kΩ,I2C, Wiper Only
ISL22446-10kΩ/50kΩ,SPI
ISL22449-10kΩ/50kΩ,SPI,WiperOnly
Quad 256-tap (8-bits)
X95840-10kΩ/50kΩ,I2C
X9250-50kΩ/100kΩ,SPI
X9251-50kΩ/100kΩ,SPI
X9252-2kΩ/10kΩ/50kΩ/100kΩ,2-Wire
X9258-50kΩ/100kΩ,2-Wire
X9259-50kΩ/100kΩ,2-Wire
ISL22343-10kΩ/50kΩ/100kΩ,I2C
ISL22444-10kΩ/50kΩ/100kΩ,SPI
D
D
D
D
D
D
D
Dual Audio DCP - integrated output buffer Amps and Audio Detect
ISL22102-32kΩ,LogTaper,PushButton,0to-72dBDynamicRange
Low Voltage 1% Tolerant Precision DCP & Low Temperature Coefficient
ISL22317-10kΩ/50kΩ/100kΩ,I2C
Programmable Voltage reference
X60250 - Micro-power, 8-bit Adjustable, 0 to 1.25V
ISL21400 - Programmable Gain and Temperature Slope
Sensor Conditioners with ADC, e2Prom look-up tables, and DACs
X96010 - Dual, 2-Wire
X96011 - Single with Temperature Sensor, 2-Wire
X96012 - Dual with Temperature Sensor, 2-Wire
Single 128-tap DCP with 16kbits general Purpose e2Prom
ISL96017-10kΩ/50kΩ,I2C
tft/lCD Programmable VCom Calibrator (128 Step)
ISL45041 - I2C
ISL45042 - Up-Down
Positive and negative terminal voltage
D
Extended positive terminal voltage
E



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com