Electronic Components Datasheet Search
  English  ▼

X  

TCE0806G Datasheet(PDF) 8 Page - TDK Electronics

Part # TCE0806G
Description  Common Mode Filters For ultra high-speed differential signal line
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TCE0806G Datasheet(HTML) 8 Page - TDK Electronics

  TCE0806G Datasheet HTML 1Page - TDK Electronics TCE0806G Datasheet HTML 2Page - TDK Electronics TCE0806G Datasheet HTML 3Page - TDK Electronics TCE0806G Datasheet HTML 4Page - TDK Electronics TCE0806G Datasheet HTML 5Page - TDK Electronics TCE0806G Datasheet HTML 6Page - TDK Electronics TCE0806G Datasheet HTML 7Page - TDK Electronics TCE0806G Datasheet HTML 8Page - TDK Electronics TCE0806G Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
• All specifications are subject to change without notice.
(7/8)
002-01 / 20120424 / e9712_tce
Common Mode Filters
For Ultra High-speed Differential Signal Line
(HDMI, DVI, DisplayPort, USB3.0, etc.)
TCE Series TCE1608G
FEATURES
• Common mode filter for improving EMC with an ESD protection
element (ESD suppressor) using thin-film processing and mate-
rials technology acquired from HDD head manufacturing.
• One component can be used for suppressing common mode
noise and ESD.
• Greatly reduces the number of components and installation
area.
• By providing wide bandwidth (cutoff frequency: 3GHz min.) for
differential mode, this product has almost no effect for high-
speed differential signals and can suppress the radiated
emission.
• This product contains no lead and supports lead-free soldering.
APPLICATIONS
Suppressing noise and ESD for high-speed differential signal
interfaces such as USB 2.0 and HDMI for mobile devices such as
mobile phones, smartphones, digital cameras, and portable music
players, and general consumer products.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
W
(3) Product identification number
(4) Impedance[at 100MHz]
900: 90
(5) Number of line
4P: 4-line
(6) Packaging style
T: ø180mm reel taping
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAMS/RECOMMENDED PC BOARD PATTERNS
Conformity to RoHS Directive
TCE
1608
G - 900 - 4P -
T
(1)
(2)
(3)
(4)
(5)
(6)
Operating
–25 to +85°C
Storage(After mount)
–25 to +85°C
Packaging style
Quantity
Taping
4000 pieces/reel
Weight: 3mg
Dimensions in mm
1.60±0.10
0.20±0.10
0.20±0.10
0.40±0.10
0.10min.
8
910
76
5
12
3
4
GND
GND
Dimensions in mm
1.30
2.00
0.20
0.20
0.35
12
34
8
910
76
5
• No polarity
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com