Electronic Components Datasheet Search
  English  ▼

X  

01302 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 01302
Description  60쨘C 300 Volt UL /CSA Portable Cord
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

01302 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  01302 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rubber Cord
16
Cord & Cordset
Product Construction:
Conductors:
• 18through10AWGfullyannealedstranded
bare copper per ASTM B-174
Insulation:
• Premium-grade,color-codedEPDM
• Colorcode:Seechartbelow
Jacket:
• Rubber,black
• Temperaturerange:-40ºCto+60ºC
Jacket Marking:
• CAROL(SIZE)(mm2)TYPESJ60°C(UL)---
CSATYPESJ-FT2300VOLTRoHS
MADEINUSA
Applications:
• Portabletoolsandequipment
• Portableappliances
• Smallmotorsandassociatedmachinery
Features:
• Goodflexibilityinlowtemperatures
• Suitableforuseinconditionswherethe
cord is not subject to acid, grease, oil or
solvents
Industry Approvals:
• ULFlexibleCord-ULSubject62
• CSAFlexibleCord-C22.2-49
• RoHSCompliant
Packaging:
• 250'(76.2m)
• Otherput-upsavailableonspecialorder
TYPE SJ – 300 VOLT – UL/CSA
CATALOG
NUMBER
NO. OF
COND.
AWG
SIZE
COND.
STRAND
NOMINAL INS.
THICKNESS
NOMINAL O.D.
CURRENT
AMPS†
APPROX.
NET WT.
LBS/M'(S)
STD.
CTN.
INCHES
mm
INCHES
mm
01302
2
18
16/30
0.030
0.76
0.285
7.24
10
50
1000'
01303
3
18
16/30
0.030
0.76
0.305
7.75
10
63
1000'
01304
4
18
16/30
0.030
0.76
0.330
8.38
7
76
250'
01305
2
16
26/30
0.030
0.76
0.315
8.00
13
62
1000'
01306
3
16
26/30
0.030
0.76
0.330
8.38
13
76
250'
01307
4
16
26/30
0.030
0.76
0.365
9.27
10
97
250'
01361
2
14
41/30
0.030
0.76
0.340
8.64
18
79
250'
01362
3
14
41/30
0.030
0.76
0.370
9.40
18
106
250'
01366
4
14
41/30
0.030
0.76
0.415 10.54
15
135
250'
01368
2
12
65/30
0.030
0.76
0.410 10.41
25
117
250'
01369
3
12
65/30
0.030
0.76
0.430 10.92
25
145
250'
01370
4
12
65/30
0.030
0.76
0.470 11.94
20
182
250'
01376*
2
10
104/30
0.045
1.14
0.550 13.97
30
193
250'
01377
3
10
104/30
0.045
1.14
0.580 14.73
30
243
250'
01378
4
10
104/30
0.045
1.14
0.655 16.64
25
318
250'
* Non-stock item
† Green conductor for grounding only. Ampacities based on NEC table 400.5(A).
(S)
Actual shipping weight may vary.
COLOR CODE CHART
NO. OF
CONDUCTORS
COLOR
2
Black, White
3
Black, White, Green
4
Black, White, Red, Green
Type SJ
60ºC300VoltUL/CSAPortableCord


Similar Part No. - 01302

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
01302 GENERAL-01302 Datasheet
65Kb / 1P
60쨘C 300 Volt UL /CSA Portable Cord
logo
Winchester Electronics ...
01302 WINCHESTER-01302 Datasheet
56Kb / 1P
TRI-METAL PLATED 10/20 AMP TERMINATION
logo
Evolt
01302 EKTOR-01302 Datasheet
104Kb / 1P
BATTERIES
7th of February 2025 04:44:06
logo
Molex Electronics Ltd.
0130203-1250 MOLEX-0130203-1250 Datasheet
115Kb / 1P
UNLOCK TOOL, PV SOLAR DC CONNECTOR
0130203-1290 MOLEX-0130203-1290 Datasheet
115Kb / 1P
UNLOCK TOOL, PV SOLAR DC CONNECTOR
More results

Similar Description - 01302

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
01366.38T.01 GENERAL-01366.38T.01 Datasheet
65Kb / 1P
60쨘C 300 Volt UL /CSA Portable Cord
02301.21.08 GENERAL-02301.21.08 Datasheet
66Kb / 1P
Lamp Cord Type SPT 60쨘C 300 Volts UL /CSA
02425.35.05 GENERAL-02425.35.05 Datasheet
127Kb / 2P
Carolprene짰 Jacketed Type SOOW/SJOOW 90쨘C 600 Volt UL /CSA Portable Cord
05092.15.08 GENERAL-05092.15.08 Datasheet
88Kb / 1P
60쨘C 30 Volt CSA Type LVT
05093.15.08 GENERAL-05093.15.08 Datasheet
88Kb / 1P
60쨘C 30 Volt CSA Type LVT
05094.15.08 GENERAL-05094.15.08 Datasheet
88Kb / 1P
60쨘C 30 Volt CSA Type LVT
05095.15.08 GENERAL-05095.15.08 Datasheet
88Kb / 1P
60쨘C 30 Volt CSA Type LVT
05096.15.08 GENERAL-05096.15.08 Datasheet
88Kb / 1P
60쨘C 30 Volt CSA Type LVT
05481.R5.02 GENERAL-05481.R5.02 Datasheet
84Kb / 1P
60쨘C 150 Volt UL Type CL2
05482.R8.02 GENERAL-05482.R8.02 Datasheet
84Kb / 1P
60쨘C 150 Volt UL Type CL2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com