Electronic Components Datasheet Search
  English  ▼

X  

MCT7809CT Datasheet(PDF) 9 Page - Motorola, Inc

Part # MCT7809CT
Description  THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCT7809CT Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MCT7809CT Datasheet HTML 4Page - Motorola, Inc MCT7809CT Datasheet HTML 5Page - Motorola, Inc MCT7809CT Datasheet HTML 6Page - Motorola, Inc MCT7809CT Datasheet HTML 7Page - Motorola, Inc MCT7809CT Datasheet HTML 8Page - Motorola, Inc MCT7809CT Datasheet HTML 9Page - Motorola, Inc MCT7809CT Datasheet HTML 10Page - Motorola, Inc MCT7809CT Datasheet HTML 11Page - Motorola, Inc MCT7809CT Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MCT7800
9
MCT7800
MOTOROLA
APPLICATIONS INFORMATION
Design Considerations
The MCT7800 Series of fixed voltage regulators are
designed with thermal overload protection that shuts down
the circuit when subjected to an excessive power overload
condition, internal short circuit protection that limits the
maximum current the circuit will pass, and output transistor
safe-area compensation that reduces the output short circuit
current as the voltage across the pass transistor is increased.
In many low current applications, compensation capacitors
are not required. However, it is recommended that the
regulator input be bypassed with a capacitor if the regulator is
connected to the power supply filter with long wire lengths, or
if the output load capacitance is large. An input bypass
capacitor should be selected to provide good high frequency
characteristics to insure stable operation under all load
conditions. A 0.33
µF or larger tantalum, mylar, or other
capacitor having low internal impedance at high frequencies,
should be chosen. The bypass capacitor should be mounted
with the shortest possible leads directly across the regulators’
input terminals. Normally, good construction techniques
should be used to minimize ground loops and lead resistance
drops since the regulator has no external sense lead.
Figure 6. Worst Case Power Dissipation versus
Ambient Temperature (Case 221A)
Figure 7. Input Output Differential as a
Function of Junction Temperature
20
16
12
8.0
4.0
0
– 50
– 25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
No Heatsink
θHS = 0°C/W
θJC = 5°C/W
θJA = 65°C/W
TJ(max) = +150°C
2.5
2.0
1.5
1.0
–75
– 50
– 25
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (°C)
IO = 1.0 A
200 mA
500 mA
0 mA
20 mA
0
0.5
θHS = 15°C/W
θHS = 5°C/W
∆VO = 2% of VO
– – – Extended Curve for MCT78XXB
Figure 8. D2PAK Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
30
40
50
60
70
80
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
Minimum
Size Pad
2.0 oz. Copper
L
L
Free Air
Mounted
Vertically
R
θJA
DEFINITIONS
Line Regulation — The change in output voltage for a
change in the input voltage. The measurement is made under
conditions of low dissipation or by using pulse techniques
such that the average chip temperature is not significantly
affected.
Load Regulation — The change in output voltage for a
change in load current at constant chip temperature.
Maximum Power Dissipation — The maximum total
device dissipation for which the regulator will operate within
specifications.
Quiescent Current — That part of the input current that is
not delivered to the load.
Output Noise Voltage — The rms AC voltage at the
output, with constant load and no input ripple, measured over
a specified frequency range.
Long Term Stability — Output voltage stability under
accelerated life test conditions with the maximum rated
voltage listed in the devices’ electrical characteristics and
maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com