Electronic Components Datasheet Search
  English  ▼

X  

01443 Datasheet(PDF) 2 Page - General Cable Technologies Corporation

Part # 01443
Description  Carolprene짰 Jacketed Type SOOW/SJOOW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

01443 Datasheet(HTML) 2 Page - General Cable Technologies Corporation

  01443 Datasheet HTML 1Page - General Cable Technologies Corporation 01443 Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rubber Cord
12
Cord & Cordset
Product Construction:
Conductors:
• 18through2AWGfullyannealedstranded
bare copper per ASTM B-174
Insulation:
• Premium-grade,color-coded90ºCEPDM
• Colorcode:Seechartbelow
Jacket:
• Carolprene®, black
• Temperaturerange:-40ºCto+90ºC
Jacket Marking:
• CAROL(SIZE)(mm2) 90°C (UL) WATER
RESISTANT SOOW CSA (-40°C) FT-2
P-7K-123033MSHA600VOLTRoHS
MADEINUSA
Applications:
• Portabletoolsandequipment
• Portableappliances
• Smallmotorsandassociatedmachinery
Features:
• Excellentresistancetooilandmoisture
• Goodtensilestrength,elongationandaging
characteristics
• Highflexibility
• Excellentabrasionresistance
• Water-resistant
• ULListedandCSAcertifiedforindoorand
outdoor use
• Ozone-sunlight(UV)-andweather-resistant
Industry Approvals:
• ULFlexibleCord-Subject62
• CSAFlexibleCord-C22.2-49
• MSHAApproved
• RoHSCompliant
Packaging:
• 250'(76.2m),500'(152.4m),
1000'(304.8m)
• Otherput-upsavailableonspecialorder
TYPE SOOW – 600 VOLT – UL/CSA
CATALOG
NUMBER
NO. OF
COND.
AWG
SIZE
COND.
STRAND
NOMINAL INS.
THICKNESS
NOMINAL O.D. CURRENT
AMPS†
APPROX.
NET WT.
LBS/M'(S)
STD.
CTN.
INCHES
mm INCHES
mm
02763
2
18
16/30 0.030
0.76 0.345
8.76
10
72
250'
02769
3
18
16/30 0.030
0.76 0.365
9.27
10
84
250'
02770
4
18
16/30 0.030
0.76 0.390
9.91
7
101
250'
02722
2
16
26/30 0.030
0.76 0.370
9.40
13
83
250'
02765
3
16
26/30 0.030
0.76 0.390
9.91
13
103
250'
02766
4
16
26/30 0.030
0.76 0.420 10.67
10
119
250'
02723
2
14
41/30 0.045
1.14 0.510 12.95
18
158
250'
02762
3
14
41/30 0.045
1.14 0.535 13.59
18
172
250'
02768
4
14
41/30 0.045
1.14 0.575 14.61
15
208
250'
02724
2
12
65/30 0.045
1.14 0.570 14.48
25
195
250'
02725
3
12
65/30 0.045
1.14 0.595 15.11
25
229
250'
02726
4
12
65/30 0.045
1.14 0.650 16.51
20
280
250'
02767
2
10
104/30 0.045
1.14 0.620 15.75
30
235
250'
02728
3
10
104/30 0.045
1.14 0.660 16.76
30
295
250'
02727
4
10
104/30 0.045
1.14 0.715 18.16
25
353
250'
16063
3
8
133/29 0.060
1.52 0.845 21.46
40
525
250'
16064
4
8
133/29 0.060
1.52 0.960 24.38
35
676
250'
16065
5
8
133/29 0.060
1.52 1.075 27.31
28
795
250'
16073
3
6
133/27 0.060
1.52 0.980 24.89
55
703
250'
16074
4
6
133/27 0.060
1.52 1.080 27.43
45
891
250'
16075
5
6
133/27 0.060
1.52 1.200 30.48
36
1123
250'
16083
3
4
133/25 0.060
1.52 1.140 28.96
70
1022
250'
16084
4
4
133/25 0.060
1.52 1.260 32.00
60
1336
250'
16085
5
4
133/25 0.060
1.52 1.365 34.67
48
1587
250'
16093
3
2
133/23 0.060
1.52 1.330 33.78
95
1484
250'
16094
4
2
133/23 0.060
1.52 1.460 37.08
80
1869
250'
16095*
5
2
133/23 0.060
1.52 1.580 40.13
64
2240
250'
Cord furnished with UL and CSA labels.
* Non-stock item; minimum quantity purchase required.
† Green conductor for grounding only. Ampacities based on NEC table 400.5(A).
(S)
Actual shipping weight may vary.
COLOR CODE CHART
NO. OF
CONDUCTORS
COLOR
2
Black, White
3
Black, White, Green
4
Black, White, Red, Green
5
Black, White, Red, Orange, Green
Carolprene® Jacketed Type SOOW
90ºC600VoltUL/CSAPortableCord



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com