Electronic Components Datasheet Search
  English  ▼

X  

01460 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 01460
Description  Carolprene짰 Jacketed Type SOOW/SJOOW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

01460 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  01460 Datasheet HTML 1Page - General Cable Technologies Corporation 01460 Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rubber Cord
11
Cord & Cordset
Product Construction:
Conductors:
• 18through10AWGfullyannealedstranded
bare copper per ASTM B-174
Insulation:
• Premium-grade,color-coded90ºCEPDM
• Colorcode:Seechartbelow
Jacket:
• Yellow
• Temperaturerange:-40ºCto+90ºC
Jacket Marking:
• CAROL(SIZE)90°C(UL)WATER-
RESISTANT SOOW/SJOOW CSA
(-40°C)FT-2P-7K-123033MSHA—
MADEINUSA600VOLT
Applications:
• Portabletoolsandequipment
• Portableappliances
• Smallmotorsandassociatedmachinery
• Foodprocessingplantsandequipment
• Marinas/docks
• Shipyards
• OEM/MRO
• OSHAVPPsafety
• Constructionsitepower
• Industrialplants
• Mining
Features:
• Excellentresistancetooilandmoisture
• Goodtensilestrength,elongationandaging
characteristics
• Highflexibility
• Excellentabrasionresistance
• Water-resistant
• ULListedandCSAcertifiedforindoorand
outdoor use
• Ozone-sunlight(UV)-andweather-resistant
Industry Approvals:
• ULFlexibleCord
• CSAFlexibleCord
• MSHAApproved
• RoHSCompliant
Packaging:
• 250'(76.2m),1000'(304.8m)
• Otherput-upsavailableonspecialorder
COLOR CODE CHART
NO. OF
CONDUCTORS
COLOR
3
Black, White, Green
4
Black, White, Red, Green
Carolprene® Jacketed Type SOOW/SJOOW
90ºC600VoltUL/CSAPortableCord
YELLOW HIGH-VISIBILITY – TYPE SOOW – 600 VOLT – 90°C – UL/CSA
CATALOG
NUMBER
NO. OF
COND
AWG
SIZE
COND.
STRAND
NOMINAL INS.
THICKNESS
NOMINAL O.D.
CURRENT
AMPS†
APPROX.
NET WT.
LBS/M'(S)
STD.
CTN.
INCHES
mm
INCHES
mm
02469
3
18
16/30
0.030
0.76
0.365
9.27
10
84
250'
02470
4
18
16/30
0.030
0.76
0.390
9.91
7
101
250'
02465
3
16
26/30
0.030
0.76
0.390
9.91
13
103
250'
02466
4
16
26/30
0.030
0.76
0.420 10.67
10
119
250'
02462
3
14
41/30
0.045
1.14
0.535 13.59
18
172
250'
02468
4
14
41/30
0.045
1.14
0.575 14.61
15
208
250'
02425
3
12
65/30
0.045
1.14
0.595 15.11
25
229
250'
02426
4
12
65/30
0.045
1.14
0.650 16.51
20
280
250'
02428
3
10
104/30
0.045
1.14
0.660 16.76
30
295
250'
02427
4
10
104/30
0.045
1.14
0.715 18.16
25
353
250'
Cord furnished with UL and CSA labels
†
Green conductor for grounding only.
(S)
Actual shipping weight may vary.
YELLOW HIGH-VISIBILITY – TYPE SJOOW – 300 VOLT – 90°C – UL/CSA
CATALOG
NUMBER
NO. OF
COND
AWG
SIZE
COND.
STRAND
NOMINAL INS.
THICKNESS
NOMINAL O.D.
CURRENT
AMPS†
APPROX.
NET WT.
LBS/M'(S)
STD.
CTN.
INCHES
mm
INCHES
mm
01411
3
18
16/30
0.030
0.76
0.305
7.75
10
63
1000'
01444
4
18
16/30
0.030
0.76
0.330
8.38
7
76
250'
01442
3
16
26/30
0.030
0.76
0.330
8.38
13
76
250'
01443
4
16
26/30
0.030
0.76
0.365
9.27
10
95
250'
01460
3
14
41/30
0.030
0.76
0.370
9.40
18
106
250'
01464
4
14
41/30
0.030
0.76
0.410 10.41
15
121
250'
01480
3
12
65/30
0.030
0.76
0.430 10.92
25
146
250'
01481
4
12
65/30
0.030
0.76
0.475 12.07
20
185
250'
01483
3
10
104/30
0.045
1.14
0.580 14.73
30
242
250'
01484
4
10
104/30
0.045
1.14
0.655 16.64
25
304
250'


Similar Part No. - 01460

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
01460147 MACOM-01460147 Datasheet
169Kb / 9P
SolderTacts Shielded One-Piece Solder Contacts
More results

Similar Description - 01460

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
01310.15.01 GENERAL-01310.15.01 Datasheet
110Kb / 2P
Carolprene짰 Jacketed Type SJOOW
02425.35.05 GENERAL-02425.35.05 Datasheet
127Kb / 2P
Carolprene짰 Jacketed Type SOOW/SJOOW 90쨘C 600 Volt UL /CSA Portable Cord
02722.38.01 GENERAL-02722.38.01 Datasheet
79Kb / 1P
Carolprene Jacketed Type SOOW
02722.15T.01 GENERAL-02722.15T.01 Datasheet
79Kb / 1P
Carolprene짰 Jacketed Type SOOW
02726.46.01 GENERAL-02726.46.01 Datasheet
79Kb / 1P
Carolprene짰 Jacketed Type SOOW
02765.38.01 GENERAL-02765.38.01 Datasheet
79Kb / 1P
Carolprene짰 Jacketed Type SOOW
02765.38T.01 GENERAL-02765.38T.01 Datasheet
79Kb / 1P
Carolprene짰 Jacketed Type SOOW
02766.43.01 GENERAL-02766.43.01 Datasheet
79Kb / 1P
Carolprene짰 Jacketed Type SOOW
027608-000 GENERAL-027608-000 Datasheet
79Kb / 1P
Carolprene짰 Jacketed Type SOOW
logo
Littelfuse
02770.15.01 LITTELFUSE-02770.15.01 Datasheet
79Kb / 1P
Carolprene짰 Jacketed Type SOOW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com