Electronic Components Datasheet Search
  English  ▼

X  

01768 Datasheet(PDF) 2 Page - General Cable Technologies Corporation

Part # 01768
Description  Super Vu-Tron짰 Welding Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

01768 Datasheet(HTML) 2 Page - General Cable Technologies Corporation

  01768 Datasheet HTML 1Page - General Cable Technologies Corporation 01768 Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Industrial-Grade Cable
29
Mining
Product Construction:
Conductor:
• 14AWGthrough1111.1kcmilstranded
tinned annealed copper per AAR 589
Insulation:
• Premium-grade90ºCEP
Jacket:
• ChlorinatedPolyethylene(CPE),black
Jacket Marking:
• SIZES14THROUGH1AWG-CAROL
SUPER VU-TRON®(SIZE)(STRANDING)
90°CDLO2000VOLTSP-7K-123040
MSHACSAR901000V(UL)RHHORRHW
600VOLTS
• SIZES1/0THROUGH646.4-CAROL
SUPERVU-TRON®(SIZE)90°CDLO
2000VOLTSP-7K-123040MSHACSAR90
1000V(-40°C)FT-1(UL)RHHORRHW600
VOLTSSUNLIGHTRESISTANTFORCT
USE
NOTE:535.3AND646.4kcmilPRINTED
(UL)RHHORRHW2000VOLTS
• SIZES777.7THROUGH1111.1kcmil -
CAROL SUPER VU-TRON® C(UL) TYPE
RHW-2 2KV VW-1 FOR CT USE TYPE DLO
2000V90°CP-102MSHA
Applications:
• Dieselelectriclocomotives
• Telecompowersupply
• Miningandearth-movingequipment
• Shipyards
• Motorleads
• Whereflexiblepowerleadsmustbe
installed in conduit or raceways
Features:
• 90ºCtemperaturerating
• Excellentimpactandabrasionresistance
• Resistsoils,acids,alkalies,heat,flame
• Flexibletinnedcopperstranding
• FT4uponrequest
• Sunlight-resistant
Industry Approvals:
• ULListed
• Acceptedforlistingasflame-resistant
by MSHA
• CSAR90
• RoHSCompliant
Packaging:
• Lengthscuttoorder
Super Vu-Tron® EPR/CPE Diesel Locomotive Cable
90ºC2000VoltDLO,ULRHH/RHW600VoltsCSAR901000Volt
14 AWG - 1111.1 kcmil DLO - 2000 VOLT
CATALOG
NUMBER
COND.
SIZE
(AWG/
kcmil)
COND.
STRAND
NOM. INS.
THICKNESS
NOMINAL O.D.
CURRENT
AMPS
APPROX.
NET WEIGHT
LBS/MFT(S)
INCHES
mm
INCHES
mm
(1)
(2)
81914
14
19/0.0147
0.045
1.14
0.21
5.44
25
35
34
81912
12
19/0.0185
0.047
1.19
0.24
6.10
30
40
45
81910
10
27/24
0.045
1.14
0.26
6.60
40
55
60
81908
8
37/24
0.060
1.52
0.34
8.64
55
80
95
81906
6
61/24
0.060
1.52
0.40
10.16
75
105
145
81904
4
105/24
0.060
1.52
0.46
11.68
95
140
205
81902
2
154/24
0.060
1.52
0.52
13.21
130
190
295
81901
1
224/24
0.080
2.03
0.65
16.51
150
220
440
81911
1/0
280/24
0.080
2.03
0.69
17.53
170
260
515
81920
2/0
329/24
0.080
2.03
0.73
18.54
195
300
580
81930
3/0
456/24
0.080
2.03
0.81
20.57
225
350
770
81940
4/0
551/24
0.080
2.03
0.87
22.10
260
405
930
81926 262.6
650/24
0.095
2.41
1.00
25.40
296
467
1130
81931 313.3
777/24
0.095
2.41
1.06
26.92
326
522
1295
81937 373.7
925/24
0.095
2.41
1.10
27.94
362
591
1545
81944 444.4
1110/24
0.095
2.41
1.23
31.24
400
652
1820
81953 535.3
1332/24
0.120
3.05
1.34
34.04
445
728
2195
81964 646.4
1609/24
0.120
3.05
1.45
36.83
493
815
2560
81977 777.7
1924/24
0.120
3.05
1.50
38.10
546
904
3050
81929* 929.2
2299/24
0.120
3.05
1.67
42.42
602
1014
3625
81999 1111.1
2745/24
0.140
3.56
1.84
46.74
635
1115
4354
Dimensions and weights are nominal; subject to industry tolerances.
(1)
Ampacitiesbasedon90°Cconductorand30°CambienttemperaturebasedontheNationalElectricalCode® for not more
than three current-carrying conductors in raceway, cable or earth.
(2)
Ampacitiesbasedonsingle-conductorinfreeair,90°Cconductortemperatureandanambientairtemperatureof30°C,in
accordance with National Electrical Code® (NEC).
(S)
Actual shipping weight may vary.
* Non-stock item



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com