Electronic Components Datasheet Search
  English  ▼

X  

01765 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 01765
Description  Super Vu-Tron짰 Welding Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

01765 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  01765 Datasheet HTML 1Page - General Cable Technologies Corporation 01765 Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial-Grade Cable
28
Mining
Product Construction:
Conductor:
• 6AWGthrough4/0AWGfullyannealed
stranded bare copper per ASTM B-172 Class M
Jacket:
• SuperVu-Tron®, orange
• Temperaturerange:-50ºCto+90ºC
Jacket Marking:
•#6-#1AWG:CAROLSUPERVU-TRON®
WELDINGCABLE–EXTRAFLEXIBLE(UL)600
VOLT(-50°Cto+90°C)OILRESISTANT
P-123-141MSHA(SIZE)CSA90°CARC
WELDING CABLE FT-1
•1/0-4/0AWG:CAROLSUPERVU-TRON®
WELDINGCABLE(SIZE)EXTRAFLEXIBLE
(UL)600VOLT(-50°Cto+90°C)OIL
RESISTANTP-123-141MSHACSA90°C
ARC WELDING CABLE FT-1 TYPE RHH OR
RHW(UL)600VFORCTUSE
Applications:
• Secondaryvoltageresistanceweldingleads
• Powersupplyapplicationsnotexceeding
600voltsAC
• Sizes1/0andlargerforpermanentwiring
inconduitortrayof600Vpowersupplies,
hoists, cranes or other applications where
flexible power leads must be installed in
conduit, raceways or trays
Features:
• ULListed
• CSACertified
• Excellentflexibilitytolastlongerinflex
applications
• Abrasion-resistant
• Resistsoilsandsolvents
• Rated-50ºCforuseincoldenvironments
• Weather-resistant
• Ozone-resistant
• Safety-coloredforhighvisibility
• Assuredlongerservicelife,savingmoney
in replacement costs, maintenance cost
and downtime
• MSHAapprovedforflameresistance
• Sunlight-resistant
Industry Approvals:
• ULListed
• CSACertified
• MSHAApproved
• MeetsULVerticalFlameTestperUL854
• RoHSCompliant
Packaging:
• 250'(76.2m),500'(152.4m),and1000'
(304.8m)reels
• Otherput-upsavailableonspecialorder
Super Vu-Tron® Welding Cable
90ºC600VoltUL/CSARHH/RHW
Suggested Ampacities:
For 600 Volt In-Line Applications
AWG
AMPERES
AWG
AMPERES
4/0
405
1
220
3/0
350
2
190
2/0
300
4
140
1/0
260
6
105
PerStandards:ICEAS-19-81NEMAWC-3Part8,
Appendix J Ampacities for portable cable in accordance
withNECTable400.5(B).
May not be suitable for all installations per National
Electrical Code®.
WELDING CABLE AMPACITIES
SINGLE CONDUCTOR
RequiredCableSizes:ForWeldingCableApplication
length in feet for total circuit for secondary voltages only – do not use this table for 600 Volt in-line applications
AMPS
100'
150'
200'
250'
300'
350'
400'
100
4
4
2
2
1
1/0
1/0
150
4
2
1
1/0
2/0
3/0
3/0
200
2
1
1/0
2/0
3/0
4/0
4/0
250
1
1/0
2/0
3/0
4/0
300
1/0
2/0
3/0
4/0
350
1/0
3/0
4/0
400
2/0
3/0
450
2/0
4/0
500
3/0
4/0
550
3/0
4/0
600
4/0
REQUIRED CABLE SIZES SHOWN IN AWG NUMBERS
Thetotalcircuitlengthincludesbothweldingandgroundleads(Basedon4-voltdrop)60%dutycycle.
These values for current-carryingcapacityarebasedonacoppertemperatureof60°C(140°F),anambienttemperatureof
40°C(104°F)andyieldloadfactorsoffromapproximately32%fortheNo.2AWGcabletoapproximately23%forthe
No.3/0AWGcable,andhigherforthesmallersizes.ThesizesofcablesgenerallyusedrangefromNo.2AWGto
No.3/0AWG.Inactualservice,theloadfactormaybemuchhigherthatindicatedwithoutoverheatingthecableasthe
ambienttemperaturewillgenerallybesubstantiallylowerthan40°C.
SUPER VU-TRON® WELDING CABLE—UL/CSA—CLASS M—34 AWG STRANDING
CATALOG
NUMBER
COND. SIZE
(AWG)
CONDUCTOR
STRAND
NOMINAL O.D.
APPROX.
NET WT.
LBS/M'(S)
STD.
CTN.
INCHES
mm
01768
6
660/34
0.370
9.40
125
250'
01767
4
1045/34
0.415
10.54
191
250'
01766
2
1666/34
0.475
12.07
259
250'
01765
1
2090/34
0.530
13.46
331
250'
01764†
1/0
2640/34
0.575
14.61
401
250'
01763†
2/0
3300/34
0.630
16.00
511
250'
01762†
3/0
4180/34
0.700
17.78
615
250'
01761†
4/0
5225/34
0.800
20.32
844
250'
(S)
Actual shipping weight may vary.
† TypeRHH/RHW-600VforCTuse.


Similar Part No. - 01765

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0176960000 WEIDMULLER-0176960000 Datasheet
1Mb / 52P
SAK-series
More results

Similar Description - 01765

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57F DDK-57F Datasheet
205Kb / 6P
57F/Flat Cable Welding with Pressure Type
logo
General Cable Technolog...
01101.41.01 GENERAL-01101.41.01 Datasheet
63Kb / 1P
Super Vu-Tron짰 Entertainment Industry and Stage Lighting Cable
01771.35.01 GENERAL-01771.35.01 Datasheet
61Kb / 1P
Carolprene짰 Welding Cable
02001.15.05 GENERAL-02001.15.05 Datasheet
77Kb / 1P
Super Vu-Tron짰 III Types SJOOW/SOOW
02021.35.05 GENERAL-02021.35.05 Datasheet
78Kb / 1P
Super Vu-Tron짰 III Types SJOOW/SOOW
02601.41.05 GENERAL-02601.41.05 Datasheet
92Kb / 1P
Super Vu-Tron짰 Supreme Types SJOOW/SOOW
logo
List of Unclassifed Man...
BU-33C ETC2-BU-33C Datasheet
54Kb / 1P
Welding Clip
logo
Cooper Bussmann, Inc.
HEX COOPER-HEX Datasheet
62Kb / 2P
TRON짰 In-Line Fuseholders
HEJ COOPER-HEJ Datasheet
41Kb / 1P
TRON짰 In-Line Fuseholders
logo
Shenzhen Luguang Electr...
ZHA7100 LUGUANG-ZHA7100 Datasheet
1Mb / 1P
Welding Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com