Electronic Components Datasheet Search
  English  ▼

X  

ISL28107 Datasheet(PDF) 22 Page - Intersil Corporation

Part # ISL28107
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107 Datasheet(HTML) 22 Page - Intersil Corporation

Back Button ISL28107 Datasheet HTML 18Page - Intersil Corporation ISL28107 Datasheet HTML 19Page - Intersil Corporation ISL28107 Datasheet HTML 20Page - Intersil Corporation ISL28107 Datasheet HTML 21Page - Intersil Corporation ISL28107 Datasheet HTML 22Page - Intersil Corporation ISL28107 Datasheet HTML 23Page - Intersil Corporation ISL28107 Datasheet HTML 24Page - Intersil Corporation ISL28107 Datasheet HTML 25Page - Intersil Corporation ISL28107 Datasheet HTML 26Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
22
Intersil Signal Path Products  2012  www.intersil.com
High Speed Data Converter
Intersil offers a complete portfolio of low-power, high-speed ADCs unmatched in size and power. Our innovative
Femtocharge CMOS technology enables ultra-high performance at a fraction of the power of the competition.
Key Features
• Comprehensive Portfolio: 8-16-Bits, 40-500MSPS
- 16-Bits: Lowest power 200 & 250MSPS ADCs
- 14-Bits: Industry’s first 14-Bit 500MSPS ADC
- 12-Bits: Lowest power dual 12-Bit 250MSPS ADC
- 10-Bits: Lowest power single and dual 250MSPS ADCs
- 8-Bits: Highest performance 500MSPS ADC
• Widest Breadth of Resolution/Sample Rate Amongst Pin-Compatible Families
• Superior Wideband Capabilities with High Input Bandwidth and Ultra-Low Clock Jitter
• Compact Footprint: All ADCs Offered in 7x7mm or 10x10mm QFNs
Applications
• Communications
• Networking
• Instrumentation
• Industrial
• Video and imaging
• Military
► World’s Lowest Power High-Performance ADCs
High Speed ADCs
Part Number
Reso-
lution
(bits)
No. of
Chan-
nels
Speed
(MSPS)
SNR
(dBfs)
Power*
(mW)
Package
Options (all
QFN)
Interface
ISLA216P25
16
1
250
75.0
785
72 Ld
LVDS/CMOS
ISLA216S25
16
1
250
75.8
887
48 Ld
JESD204B
ISLA216P20
16
1
200
76.6
720
72 Ld
LVDS/CMOS
ISLA216S20
16
1
200
77.2
815
48 Ld
JESD204B
ISLA216P13
16
1
130
77.5
615
72 Ld
LVDS/CMOS
ISLA216S13
16
1
130
78.0
751
48 Ld
JESD204B
ISLA224P25
14
2
250
72.7
810
72 Ld
LVDS/CMOS
ISLA224S25
14
2
250
73.1
989
48 Ld
JESD204B
ISLA224P20
14
2
200
73.9
745
72 Ld
LVDS/CMOS
ISLA224S20
14
2
200
73.8
910
48 Ld
JESD204B
ISLA224P13
14
2
130
74.7
650
72 Ld
LVDS/CMOS
ISLA224P12
14
2
125
74.7
590
72 Ld
LVDS/CMOS
ISLA224P12
14
2
125
75.1
731
48 Ld
JESD204B
ISLA214P50
14
1
500
72.7
835
72 Ld
LVDS/CMOS
ISLA214S50
14
1
500
73.1
1060
48 Ld
JESD204B
ISLA214P25
14
1
250
73.0
450
72 Ld
LVDS/CMOS
KAD5514P-25
14
1
250
69.5
390
48 Ld, 72 Ld LVDS/CMOS
KAD5514P-21
14
1
210
70.2
365
48 Ld, 72 Ld LVDS/CMOS
ISLA214P20
14
1
200
73.8
410
72 Ld
LVDS/CMOS
KAD5514P-17
14
1
170
70.6
340
48 Ld, 72 Ld LVDS/CMOS
ISLA214P13
14
1
130
74.9
360
72 Ld
LVDS/CMOS
ISLA214P12
14
1
125
74.9
310
72 Ld
LVDS/CMOS
KAD5514P-12
14
1
125
70.9
310
48 Ld, 72 Ld LVDS/CMOS
ISLA222P25
12
2
250
70.3
795
72 Ld
LVDS/CMOS
ISLA222S25
12
2
250
70.6
989
48 Ld
JESD204B
KAD5612P-25
12
2
250
66.1
430
72 Ld
LVDS/CMOS
KAD5612P-21
12
2
210
66.6
405
72 Ld
LVDS/CMOS
ISLA222P20
12
2
200
71.0
730
72 Ld
LVDS/CMOS
ISLA222S20
12
2
200
71.2
910
48 Ld
JESD204B
KAD5612P-17
12
2
170
66.9
370
72 Ld
LVDS/CMOS
ISLA222P13
12
2
130
71.3
635
72 Ld
LVDS/CMOS
KAD5612P-12
12
2
125
67.2
340
72 Ld
LVDS/CMOS
ISLA222S12
12
2
125
71.7
731
48 Ld
JESD204B
ISLA212P50
12
1
500
70.3
820
72 Ld
LVDS/CMOS
ISLA112P50**
12
1
500
65.9
455
72 Ld
LVDS/CMOS
KAD5512P-50
12
1
500
65.9
430
72 Ld
LVDS/CMOS
ISLA212P25
12
1
250
70.5
440
72 Ld
LVDS/CMOS
KAD5512HP-25
12
1
250
68.3
390
48 Ld, 72 Ld LVDS/CMOS
Part Number
Reso-
lution
(bits)
No. of
Chan-
nels
Speed
(MSPS)
SNR
(dBfs)
Power*
(mW)
Package
Options (all
QFN)
Interface
KAD5512P-25
12
1
250
66.1
235
48 Ld, 72 Ld LVDS/CMOS
KAD5512HP-21
12
1
210
68.8
365
48 Ld, 72 Ld LVDS/CMOS
KAD5512P-21
12
1
210
66.6
220
48 Ld, 72 Ld LVDS/CMOS
ISLA212P20
12
1
200
71.0
405
72 Ld
LVDS/CMOS
KAD5512HP-17
12
1
170
69.1
340
48 Ld, 72 Ld LVDS/CMOS
KAD5512P-17
12
1
170
66.9
205
48 Ld, 72 Ld LVDS/CMOS
ISLA212P13
12
1
130
71.3
355
72 Ld
LVDS/CMOS
KAD5512HP-12
12
1
125
69.3
310
48 Ld, 72 Ld LVDS/CMOS
KAD5512P-12
12
1
125
67.1
190
48 Ld, 72 Ld LVDS/CMOS
KAD5610P-25
10
2
250
60.8
410
72 Ld
LVDS/CMOS
KAD5610P-21
10
2
210
60.8
385
72 Ld
LVDS/CMOS
KAD5610P-17
10
2
170
61.0
355
72 Ld
LVDS/CMOS
KAD5610P-12
10
2
125
60.8
325
72 Ld
LVDS/CMOS
ISLA110P50**
10
1
500
60.7
440
72 Ld
LVDS/CMOS
KAD5510P-50
10
1
500
60.7
415
72 Ld
LVDS/CMOS
KAD2710C-27
10
1
275
55.7
260
68 Ld
CMOS
KAD2710L-27
10
1
275
55.7
280
68 Ld
LVDS
KAD5510P-25
10
1
250
60.8
235
48 Ld
LVDS/CMOS
KAD5510P-21
10
1
210
60.8
220
48 Ld
LVDS/CMOS
KAD2710C-21
10
1
210
56.4
220
68 Ld
CMOS
KAD2710L-21
10
1
210
56.4
240
68 Ld
LVDS
KAD5510P-17
10
1
170
61.0
205
48 Ld
LVDS/CMOS
KAD2710C-17
10
1
170
56.6
200
68 Ld
CMOS
KAD2710L-17
10
1
170
56.6
215
68 Ld
LVDS
KAD5510P-12
10
1
125
61.0
190
48 Ld
LVDS/CMOS
KAD2710C-10
10
1
105
56.6
165
68 Ld
CMOS
KAD2710L-10
10
1
105
56.6
180
68 Ld
LVDS
ISLA118P50**
8
1
500
49.9
430
72 Ld
LVDS/CMOS
KAD2708L-35
8
1
350
49.0
325
68 Ld
LVDS
KAD2708C-27
8
1
275
49.5
260
68 Ld
CMOS
KAD2708L-27
8
1
275
49.5
275
68 Ld
LVDS
KAD2708C-21
8
1
210
49.5
220
68 Ld
CMOS
KAD2708L-21
8
1
210
49.5
235
68 Ld
LVDS
KAD2708C-17
8
1
170
49.5
200
68 Ld
CMOS
KAD2708L-17
8
1
170
49.5
210
68 Ld
LVDS
KAD2708C-10
8
1
105
49.5
165
68 Ld
CMOS
KAD2708L-10
8
1
105
49.5
170
68 Ld
LVDS
*3mA DDR LVDS Mode unless Specified for CMOS or Serial outputs.
**The ILSA1XXP50 family features internal interleavign calibration and is pin-similar to the
KAD55XX family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com